AI

The **RAR-02-R** is a specific electronic component primarily identified as a **Rectangular Micro-Sensor** or a **Magnetic Proximity Switch**, often used in industrial automation, security systems, and robotics.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The RAR-02-R typically functions as a Reed Switch-based sensor. It operates by detecting the presence of a magnetic field to open or close a circuit.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetic Proximity / Reed Switch |
| **Contact Form** | Form A (Normally Open - NO) |
| **Max Switching Voltage** | 100V DC / 125V AC |
| **Max Switching Current** | 0.5A |
| **Contact Resistance** | < 200 mΩ |
| **Operating Temperature** | -20°C to +85°C |
| **Housing Material** | ABS Plastic / Resin Encapsulated |
---
### 2. Internal Electronic Structure
The "RAR" series generally utilizes a **Dry Reed Switch** mechanism.
* **The Reed Element:** Two ferromagnetic blades (reeds) are sealed in a glass envelope. In the presence of a magnet, the blades become polarized and pull together, completing the circuit.
* **Protection:** The "R" suffix often denotes a specific lead configuration or a built-in resistor/diode for circuit protection, though this varies by specific manufacturer (such as R-Sensors or Aleph).
* **Encapsulation:** The internal glass reed is protected by a rectangular plastic shell, making it resistant to dust, humidity, and vibration.
---
### 3. Wiring and Pinout
The RAR-02-R usually comes with two lead wires. Because it is a passive switch, there is typically no polarity requirement unless a protection diode is integrated.
```text
[ Sensor Body ]---------------- (Wire 1: Signal/VCC)
---------------- (Wire 2: Load/GND)
```
### 4. Common Applications
* **Door/Window Security:** Detecting if a portal is open or closed.
* **Pneumatic Cylinders:** Monitoring the position of a piston (if the piston has an internal magnet).
* **Limit Switching:** Used in CNC or 3D printers to define the "Home" position.
* **Liquid Level Sensing:** Combined with a magnetic float to trigger high/low alarms.
---
### 5. Selection Considerations
When integrating the RAR-02-R, keep the following electronic constraints in mind:
1. **Inductive Loads:** If switching a motor or relay, use a flyback diode to prevent back-EMF from welding the internal contacts.
2. **Sensitivity (AT):** The distance at which the sensor triggers depends on the "Ampere-Turns" rating of the internal reed and the strength of the external magnet.
3. **Bounce:** Like all mechanical switches, it may experience "contact bounce" for a few milliseconds; debouncing via software or hardware (RC filter) is recommended.
- ⤷
What is the maximum operating distance for the RAR-02-R with a standard Neodymium magnet?
- ⤷ How do I implement a hardware debouncing circuit for this sensor?
- ⤷ What are the primary differences between the RAR-02-R and the RAR-02-L models?