Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RAR-03-R-T

  • AI
    The **RAR-03-R-T** is a specific electronic component typically categorized under **RF (Radio Frequency) Connectors** or **Antenna accessories**, often associated with manufacturer series like those from *Joinsoon Electronics* or similar high-precision RF hardware providers. Below is a detailed breakdown of its electronic and physical characteristics. --- ## 1. Component Overview The RAR series generally refers to **Right-Angle (RA)** surface-mount or through-hole connectors designed for high-frequency signal transmission. | Feature | Specification | | :--- | :--- | | **Type** | RF Connector / Coaxial Header | | **Orientation** | Right-Angle (R) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole | | **Packaging** | Tape & Reel (T) | | **Impedance** | Typically 50 Ohms (standard for RF) | --- ## 2. Key Technical Specifications ### A. Electrical Properties * **Frequency Range:** Typically operates from DC up to 6 GHz (depending on the specific mating interface like U.FL or MMCX). * **Voltage Rating:** Usually rated for 60V AC. * **Contact Resistance:** Low resistance (approx. 20mΩ max) to ensure minimal signal loss. * **Insulation Resistance:** 500MΩ minimum at 100V DC. ### B. Physical Construction 1. **Housing:** Often made of high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. 2. **Contacts:** Phosphor bronze or brass with **Gold Plating** to ensure high conductivity and prevent oxidation. 3. **Shell/Shield:** Metal alloy used to provide EMI/RFI shielding, ensuring signal integrity. --- ## 3. Nomenclature Breakdown The part number **RAR-03-R-T** can be decoded as follows: | Code | Meaning | | :--- | :--- | | **RAR** | Series Prefix (Right Angle RF) | | **03** | Pin Count or Version Designator | | **R** | Right Angle orientation | | **T** | Tape & Reel packaging (for automated Pick-and-Place assembly) | --- ## 4. Common Applications * **Wireless Communication:** WiFi modules, Bluetooth antennas, and GPS receivers. * **IoT Devices:** Compact sensors requiring external antenna connections. * **Mobile Hardware:** Internal board-to-antenna routing in smartphones or tablets. --- ## 5. Soldering and Assembly Because this part is designated with a **-T (Tape & Reel)**, it is intended for high-speed automated production. * **Reflow Profile:** Must follow Lead-Free (RoHS) soldering profiles, typically peaking at $260^{\circ}C$. * **Footprint:** Requires precise PCB pad layout to ensure the signal pin and grounding tabs align correctly for impedance matching.
    ✨ Follow-up Questions
    • ⤷ What is the exact mating connector for the RAR-03-R-T?
    • ⤷ What is the maximum frequency range supported by this specific model?
    • ⤷ Can you provide the PCB footprint dimensions for this part?