Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RAZ32012DM

  • AI
    The **RAZ32012DM** is a specific model of a **Power Relay**, typically manufactured by companies like **Goodsky** (a subsidiary of ECE). It is widely used in domestic appliances and industrial control systems due to its compact size and high switching capacity. --- ## 1. Technical Specifications The model number "RAZ32012DM" is an alphanumeric code that describes its internal architecture and capabilities. | Parameter | Specification | | :--- | :--- | | **Contact Form** | SPST-NO (1 Form A) | | **Coil Voltage** | 12V DC | | **Switching Current** | 20A (Heavy Duty) | | **Power Consumption** | Approximately 900mW | | **Terminal Type** | PCB Mounting | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | --- ## 2. Breakdown of the Model Name Relay part numbers are usually structured to define the series, voltage, and contact type: * **RAZ**: Refers to the series (Power Relay, typically high inrush current resistant). * **320**: Often denotes the physical size/housing type or contact rating (20A). * **12**: Represents the **Rated Coil Voltage** (12 Volts DC). * **D**: Indicates a **Standard DC Coil**. * **M**: Stands for **Normally Open (NO)** contact configuration. --- ## 3. Key Features The RAZ32012DM is designed for reliability in demanding environments: ### A. High Inrush Current Resistance The use of **Silver Tin Oxide (AgSnO2)** contacts allows the relay to handle high surge currents (like those found in motors or capacitive loads) without the contacts welding together. ### B. Safety and Insulation * **Dielectric Strength:** Usually provides high isolation between the coil and the contacts (typically 5,000V AC). * **Creepage Distance:** Designed to meet international safety standards (UL, TUV, VDE). ### C. Sealed Construction The "DM" variant is often found in a "Flux Tight" or "Plastic Sealed" package, protecting the internal mechanics from dust and soldering flux during the manufacturing process. --- ## 4. Typical Applications Because of its 20A rating and 12V coil, it is commonly found in: 1. **Air Conditioners:** Controlling the compressor or fan motor. 2. **Microwave Ovens:** Switching high-voltage transformers. 3. **Automotive Electronics:** Heavy-duty lighting or accessory switching. 4. **Smart Plugs/Home Automation:** Controlling high-wattage appliances via a microcontroller (like an Arduino or ESP32). --- ## 5. Wiring Diagram (Simplified) ```text [ 12V DC ] | | +----|--|----+ | [Coil] | <-- Terminals for Trigger +------------+ / [--- / ---] <-- High Power Switch (20A) (IN) (OUT) ```
    ✨ Follow-up Questions
    • ⤷What is the footprint/pinout dimensions for the RAZ32012DM?
    • ⤷ Can I use a 5V signal to trigger this relay directly?
    • ⤷ What are the equivalent replacement parts for this relay?