Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RB0807

  • AI
    The **RB0807** is a high-performance **Schottky Barrier Diode** (SBD) manufactured by ROHM Semiconductor. It is primarily designed for high-frequency switching and power rectification in compact electronic circuits. ### 1. Key Technical Specifications Below are the typical electrical characteristics for the RB0807 series: | Parameter | Symbol | Value | Unit | |:---|:---|:---|:---| | Peak Reverse Voltage | $V_{RM}$ | 30 | V | | Average Rectified Forward Current | $I_o$ | 1.0 | A | | Forward Voltage (at $I_F = 1.0A$) | $V_F$ | 0.45 (Max) | V | | Reverse Current (at $V_R = 30V$) | $I_R$ | 0.5 (Max) | mA | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Physical and Structural Features The component is typically housed in a small, surface-mount package such as the **TUMD2M** or similar small-outline packages. * **Low Forward Voltage ($V_F$):** Reduces power loss during conduction, improving overall energy efficiency. * **High Reliability:** Silicon epitaxial planar construction provides stable operation under thermal stress. * **Small Footprint:** Designed for high-density mounting on Printed Circuit Boards (PCBs). --- ### 3. Common Applications The RB0807 is widely used in portable electronics and power management systems: * **DC/DC Converters:** Used as a freewheeling diode to manage inductive loads. * **Reverse Battery Protection:** Prevents circuit damage if the power source is connected with incorrect polarity. * **General Rectification:** Converting AC-like signals to DC in low-voltage power supplies. * **Signal Switching:** High-speed switching in logic circuits due to low capacitive loading. --- ### 4. Circuit Implementation Example In a standard rectification circuit, the RB0807 is placed in series with the load: ```markdown [Power Source (+)] ---->|---- [Load] ---- [Power Source (-)] RB0807 ``` *The cathode is marked with a band on the physical component package.* ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using a Schottky diode over a standard PN junction diode?
    • ⤷ Does the RB0807 have an AEC-Q101 qualified version for automotive use?
    • ⤷ How does temperature affect the leakage current of the RB0807?