RBS-5E-R
AI

The **RBS-5E-R** is an industrial-grade, ultra-compact **Rotary DIP Switch** manufactured by companies like ECE (Excel Cell Electronic). It is primarily used on printed circuit boards (PCBs) to set configurations, addresses, or modes without needing external software.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rotary DIP Switch |
| **Number of Positions** | 10 Positions (0-9) |
| **Output Code** | BCD (Binary Coded Decimal) |
| **Actuator Type** | Shaft Type (Rotatable handle) |
| **Mounting Type** | Through-Hole (THT) |
| **Pitch** | 2.54mm (Standard) |
| **Contact Rating** | 100mA, 50V DC (Steady), 25mA, 24V DC (Switching) |
---
### 2. Electronic Functionality
The "5E" in the part number typically denotes the **BCD Output**. This means the switch translates the physical position of the dial into a 4-bit binary signal.
#### BCD Truth Table (Logic)
The switch has one common pin (C) and four output pins (1, 2, 4, 8).
| Position | Pin 1 | Pin 2 | Pin 4 | Pin 8 |
| :--- | :--- | :--- | :--- | :--- |
| 0 | OFF | OFF | OFF | OFF |
| 1 | **ON** | OFF | OFF | OFF |
| 3 | **ON** | **ON** | OFF | OFF |
| 5 | **ON** | OFF | **ON** | OFF |
| 9 | **ON** | OFF | OFF | **ON** |
---
### 3. Material and Build Features
* **Gold-Plated Contacts:** Ensures high reliability and prevents oxidation over long periods of use.
* **Sealed Construction:** The "R" suffix often indicates a **Tape & Reel** packaging or a specific **Washable/Sealed** design that allows the board to be cleaned after soldering without damaging the internal contacts.
* **Heat Resistance:** Designed to withstand wave soldering temperatures (typically up to 260°C).
---
### 4. Common Applications
* **Industrial Automation:** Setting unique Modbus or CAN bus slave IDs.
* **Telecommunications:** Configuring frequency bands or hardware modes.
* **Home Automation:** Pairing codes for security systems.
* **Prototyping:** Manually toggling logic states during hardware debugging.
---
- ⤷
What is the difference between BCD and Hexadecimal rotary switches?
- ⤷ How do I wire the 'Common' pin for a pull-up resistor configuration?
- ⤷ Is there an SMD version of the RBS-5E-R available?