Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • REBS-4-R/

  • AI
    The **REBS-4-R** is a specific electronic component, typically identified as a **Relay Interface Module** or a **Relay Board** often used in industrial automation, security systems, and fire alarm control panels. Below is a technical breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications The "4-R" designation usually indicates a **4-Channel Relay** configuration. These modules are designed to interface low-power control signals with high-power load devices. | Feature | Description | | :--- | :--- | | **Number of Channels** | 4 Independent Relays | | **Contact Form** | SPDT (Single Pole Double Throw) - Form C | | **Input Voltage** | Typically 12VDC or 24VDC (model dependent) | | **Max Switching Current** | Usually 7A to 10A @ 120VAC / 28VDC | | **Mounting** | Snap-track or DIN-rail mounting options | | **Indicators** | Individual LED status for each relay | --- ### 2. Key Electronic Components The board consists of several critical parts that ensure safe and efficient operation: #### A. Electromechanical Relays The core of the unit. These act as the switch. When the coil is energized by a low-current signal, it creates a magnetic field that moves a physical contact to close or open a circuit. #### B. Flyback Diodes (Snubber Diodes) Placed in parallel with the relay coils. * **Purpose:** To prevent "Inductive Kickback." When the relay is turned off, the collapsing magnetic field creates a voltage spike that could damage sensitive control electronics. The diode dissipates this energy. #### C. LED Status Indicators Each relay channel typically has a surface-mount LED. * **Function:** Provides visual feedback to technicians. If the LED is lit, the coil is energized. #### D. Terminal Blocks Screw-type connectors used for both the input (trigger) side and the output (load) side. These are designed for secure wiring in high-vibration environments. --- ### 3. Wiring Configuration The outputs are generally labeled as follows: 1. **COM (Common):** The shared terminal for the switch. 2. **N.C. (Normally Closed):** Connected to COM when the relay is **off**. 3. **N.O. (Normally Open):** Connected to COM only when the relay is **on**. --- ### 4. Typical Applications * **Fire Alarm Systems:** To trigger auxiliary functions like elevator recall or door releases. * **HVAC Control:** Interfacing a low-voltage thermostat with high-voltage fans or pumps. * **Security:** Controlling magnetic locks or electronic strikes.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage required for the REBS-4-R model?
    • ⤷ Can the REBS-4-R be used to switch AC and DC loads simultaneously?
    • ⤷ How do I wire a 'fail-safe' circuit using the N.C. terminal?