REBS-B5W-R
AI

## REBS-B5W-R: Technical Overview
The **REBS-B5W-R** is a specific electronic component typically identified as a **High-Power, Non-Inductive Wirewound Resistor** or a **Ceramic Encased (Cement) Resistor**. These are widely used in power supplies, motor controllers, and audio equipment due to their ability to dissipate heat and handle high surges.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the **REBS** series, here are the primary electronic characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Power Rating** | 5 Watts |
| **Resistance Type** | Wirewound (Non-Inductive) |
| **Tolerance** | ±5% (Standard) |
| **Casing Material** | Ceramic / Cement Encased |
| **Termination Style** | Through-hole (Axial or Radial leads) |
| **Feature** | RoHS Compliant (Indicated by the "R" suffix) |
---
### 2. Core Electronic Components
The internal construction of the REBS-B5W-R consists of several critical layers:
1. **Resistive Element:** A high-quality alloy wire (often Nickel-Chromium) wound around a ceramic core. The "non-inductive" winding technique reduces parasitic inductance.
2. **Ceramic Core:** Provides the structural base and manages the initial heat absorption from the resistive wire.
3. **Encapsulation:** The entire assembly is housed in a rectangular ceramic (cement) case and filled with a flame-retardant silicone or cement filler. This protects the wire from moisture and oxidation.
4. **Leads:** Tin-plated copper leads designed for secure soldering on a Printed Circuit Board (PCB).
---
### 3. Functional Applications
The REBS-B5W-R is designed for high-stress environments. Common use cases include:
* **Current Sensing:** Low resistance values allow the component to sense current flow without dropping significant voltage.
* **Bleeder Resistors:** Used in power supplies to safely discharge capacitors after the device is turned off.
* **Inrush Current Limiting:** Protects sensitive circuits from power spikes during startup.
* **Audio Crossovers:** Used in speaker systems to manage signal distribution due to its non-inductive nature, which prevents frequency distortion.
---
### 4. Advantages & Limitations
#### **Advantages**
* **Heat Dissipation:** The ceramic body is excellent at radiating heat away from the resistive element.
* **Flameproof:** The cement casing ensures the component will not catch fire even under extreme overload.
* **Stability:** High resistance stability over time and temperature.
#### **Limitations**
* **Size:** Larger than standard film resistors, requiring more PCB real estate.
* **Weight:** Heavier due to the ceramic and cement construction.
- ⤷
What is the exact resistance value (Ohms) required for your specific application?
- ⤷ Do you need the derating curve for this resistor to calculate performance at high ambient temperatures?
- ⤷ Are you looking for a surface-mount equivalent for a more compact circuit design?