REBS-C3-R
AI

The **REBS-C3-R** is an electronic component primarily associated with **Rotary Encoders** and automation control systems. Specifically, it is a high-resolution absolute rotary encoder often utilized in robotics, industrial automation, and CNC machinery.
Below is a breakdown of its technical and electronic specifications.
---
### 1. General Specifications
The REBS series is known for its compact design and high reliability in harsh industrial environments.
| Feature | Description |
| :--- | :--- |
| **Type** | Absolute Rotary Encoder |
| **Output Type** | Serial Communication / Binary Code |
| **Resolution** | High (Typically 17-bit to 23-bit depending on sub-model) |
| **Input Voltage** | 5V DC ± 5% |
| **Current Consumption** | ~100mA (typical) |
---
### 2. Key Electronic Components
The internal architecture of the REBS-C3-R consists of several critical electronic stages:
* **Optical/Magnetic Sensing Element:** Uses a precision disk and a light source (LED) or Hall-effect sensor to detect angular position.
* **Signal Processing ASIC:** An Application-Specific Integrated Circuit that converts raw analog signals from the sensors into digital data.
* **Line Driver:** Ensures the output signal is strong enough to travel over long cables without interference (usually RS-485 or similar differential signaling).
* **Memory (EEPROM):** Stores calibration data and unique ID information for absolute positioning.
---
### 3. Interface and Connectivity
The "C3-R" suffix usually denotes a specific connector or cabling configuration.
* **Communication Protocol:** Most REBS models use a proprietary serial protocol (like Nikon or Tamagawa protocols) to provide high-speed position feedback to a Servo Drive.
* **Pinout Architecture:**
1. **VCC/GND:** Power supply lines.
2. **Data+ / Data-:** Differential serial data lines for noise immunity.
3. **Shield:** Grounding for Electromagnetic Interference (EMI) protection.
---
### 4. Application Use Cases
* **Servo Motors:** Provides real-time feedback on motor shaft position and speed.
* **Robotic Arms:** Allows the controller to know the exact "absolute" position of a joint even after a power cycle.
* **Medical Equipment:** Used in high-precision imaging tables and laboratory automation.
---
- ⤷
What are the specific wiring diagrams for the REBS-C3-R connector?
- ⤷ How does an absolute encoder differ from an incremental encoder in this model?
- ⤷ Is the REBS-C3-R compatible with standard Fanuc or Mitsubishi servo drives?