REBS-H0-R
AI

The **REBS-H0-R** is an electronic component primarily classified as a **Bimetallic Thermal Protector (Thermostat)**. It is widely used in automotive, industrial, and consumer electronics to protect circuits from overheating by physical disconnection.
---
## 1. Technical Specifications
The "REBS" series typically features high-current capability and a robust ceramic or metallic housing. Below are the general specifications for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Thermal Cut-out / Bimetallic Protector |
| **Reset Type** | Automatic Reset |
| **Contact Type** | Normally Closed (NC) - Opens on Temp Rise |
| **Current Rating** | Up to 15A - 30A (Depending on Voltage) |
| **Operating Temp** | Fixed (Varies by sub-model, usually 70°C to 150°C) |
| **Tolerance** | ±5°C |
---
## 2. Internal Electronic Structure
The REBS-H0-R operates on a purely mechanical-electronic principle without the need for an external power supply:
1. **Bimetal Disc:** The core element is a concave bimetallic disc made of two metals with different thermal expansion coefficients.
2. **Contact Points:** High-conductivity silver-alloy contacts remain closed under normal conditions.
3. **Housing:** Usually a high-temperature resistant resin or ceramic casing to provide electrical insulation.
4. **Action Mechanism:** When the ambient temperature reaches the "Trip Point," the bimetal disc snaps to an inverted shape, pushing a pin that separates the contacts and breaks the circuit.
---
## 3. Typical Applications
The REBS-H0-R is commonly found in environments where safety and thermal management are critical:
* **Automotive Motors:** Window lifters, wiper motors, and seat adjusters to prevent burnout if the motor stalls.
* **Power Supplies:** Overheat protection for high-wattage transformers and rectifiers.
* **Home Appliances:** Used in heaters, coffee makers, and hair dryers as a primary safety switch.
* **Battery Packs:** Protecting Li-ion or NiMH packs from thermal runaway during charging/discharging.
---
## 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the "REBS" code usually implies specific characteristics:
```text
REBS - H0 - R
| | |
| | +-- "R" usually indicates RoHS Compliance or Automatic Reset
| +------- "H0" refers to the Mounting Style (Horizontal/Lead type)
+-------------- Series Name (Heavy Duty Bimetal Protector)
```
---
- ⤷
What is the exact trip temperature for the H0 variant?
- ⤷ Is the REBS-H0-R a manual or automatic reset device?
- ⤷ What are the common mounting options for this thermal protector?