REBS-ZG-R
AI

The **REBS-ZG-R** is an industrial-grade Zigbee-based wireless relay controller, commonly used in smart home automation and industrial control systems (such as HVAC, lighting, and motorized curtains).
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The device acts as a bridge between a Zigbee gateway and electrical loads.
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | Zigbee 3.0 |
| **Input Voltage** | AC 85V - 250V (50/60Hz) |
| **Max Load Current** | 10A / 16A (Varies by specific revision) |
| **Wireless Frequency** | 2.4GHz |
| **Working Temperature** | -10°C to +50°C |
| **Housing Material** | Fire-retardant ABS/PC |
---
### 2. Internal Electronic Components
The REBS-ZG-R consists of several critical subsystems that allow it to function safely and wirelessly.
#### A. Zigbee Communication Module
* **Microcontroller (MCU):** Usually powered by a Silicon Labs or Tuya-integrated Zigbee chip.
* **Function:** Handles the encryption, mesh networking, and reception of commands from the Zigbee hub. It translates digital signals into physical trigger voltages for the relay.
#### B. Power Conversion Circuit (AC to DC)
* **Step-down Transformer/Buck Converter:** Converts high-voltage AC input (110V/220V) to low-voltage DC (usually 3.3V or 5V).
* **Rectifier Bridge:** Converts AC to DC.
* **Capacitors:** Electrolytic capacitors are used for smoothing the voltage to ensure the MCU doesn't reset during power fluctuations.
#### C. Switching Mechanism (The Relay)
* **Electromagnetic Relay:** This is the heart of the "R" (Relay) designation. It physically opens or closes the circuit to the load.
* **Contact Material:** Typically silver alloy to prevent "pitting" or welding during high-current switching.
#### D. Protection Components
* **Varistor (MOV):** Protects the internal electronics from voltage surges and lightning strikes.
* **Fuse:** A thermal or current fuse is often integrated to prevent fire in the event of a component failure.
---
### 3. Wiring Configuration
The terminal block typically features the following electronic interfaces:
1. **L (Live In):** Main power input.
2. **N (Neutral In):** Common return path for power.
3. **L-Out:** The switched live output going to the appliance/light.
4. **S1/S2 (Optional):** Some variants include dry contact inputs for external manual switches.
---
### 4. Key Electronic Features
* **Mesh Networking:** As a Zigbee device, it acts as a **Router**, extending the range of the Zigbee network for other battery-powered sensors.
* **State Memory:** Many versions include non-volatile memory that remembers the "Power-On State" (On, Off, or Last Status) in case of a power outage.
* **Zero-Crossing Detection:** Higher-end versions include circuitry to switch the relay exactly when the AC sine wave crosses zero volts, reducing electrical noise and extending relay life.
---
- ⤷How do I pair the REBS-ZG-R with a Zigbee gateway?
- ⤷ What is the difference between the 'R' version and the 'DC' version of this controller?
- ⤷ Can this device be used to control high-inductive loads like large motors?