Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • REF02A

  • AI
    The **REF02A** is a precision voltage reference integrated circuit (IC) that provides a stable +5.0V output. It is widely used in applications requiring high accuracy and low drift, such as Analog-to-Digital Converters (ADCs) and Digital-to-Analog Converters (DACs). --- ### ## Key Specifications and Features The REF02A is known for its "buried Zener" design, which offers better stability than standard bandgap references. | Parameter | Specification (Typical/Max) | | :--- | :--- | | **Output Voltage** | +5.0V DC | | **Input Voltage Range** | 7V to 40V | | **Temperature Drift** | 8.5 ppm/°C (Max) | | **Output Adjustment** | ±6% via Trim pin | | **Output Current** | 10 mA (Source capability) | | **Temperature Sensor Output**| ~2.1 mV/K | --- ### ## Pin Configuration and Functions The REF02A is typically available in an 8-pin package (DIP or SOIC). 1. **Pin 1 (TEMP):** Provides a voltage output proportional to the chip's temperature. 2. **Pin 2 (VIN):** Supply voltage input (7V to 40V). 3. **Pin 3 (NC):** No internal connection. 4. **Pin 4 (GND):** Ground reference. 5. **Pin 5 (TRIM):** Allows fine-tuning of the 5V output using a potentiometer. 6. **Pin 6 (VOUT):** The precision 5V output. 7. **Pin 7 (NC):** No internal connection. 8. **Pin 8 (NC):** No internal connection. --- ### ## Internal Working Principle The device utilizes a **Buried Zener Reference** circuit. Unlike surface Zeners, which are susceptible to noise and surface contamination, a buried Zener is located deep within the silicon, resulting in: * **Lower Noise:** Extremely low flicker and thermal noise. * **Long-term Stability:** Minimal voltage shift over thousands of hours of operation. * **Temperature Compensation:** Internal circuitry offsets the thermal coefficients to maintain the 8.5 ppm/°C rating. --- ### ## Practical Implementation Example To use the REF02A as a basic 5V reference with a trim adjustment, you can follow this layout: ```c /* Typical Application Layout */ [Vin: 15V] ----> [Pin 2: VIN] [Pin 4: GND] ----> Common Ground [Pin 6: VOUT] ----> (Stable 5.00V Output) [Pin 5: TRIM] ----> Connected to a 10k Potentiometer wiper ``` ### ## Applications * **Precision ADCs/DACs:** Provides the "yardstick" for measuring analog signals. * **Digital Voltmeters:** High-accuracy calibration source. * **Precision Current Sources:** When combined with an Op-Amp. * **Temperature Monitoring:** Using the TEMP pin to track system heat. ---
    ✨ Follow-up Questions
    • ⤷How do you calculate the output voltage change based on the 8.5 ppm/°C temperature drift?
    • ⤷ What is the difference between the REF02A and the standard REF02 model?
    • ⤷ Can the REF02A be used to provide a negative voltage reference?