REF02AP
AI

## Technical Overview of the REF02AP
The **REF02AP** is a precision voltage reference integrated circuit (IC) that provides a stable +5.0V output from a wide range of input voltages. It is widely used in applications requiring high accuracy and low drift, such as analog-to-digital converters (ADCs) and digital-to-analog converters (DACs).
---
### 1. Key Technical Specifications
The "AP" suffix typically denotes the package type (8-pin Plastic DIP) and a specific performance grade.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | +5.0V |
| **Input Voltage Range ($V_{IN}$)** | 8.0V to 40.0V |
| **Output Voltage Tolerance** | ±0.3% (max) |
| **Temperature Coefficient** | 8.5 ppm/°C (typ) |
| **Quiescent Current** | 1.0 mA (typ) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | 8-pin PDIP (Plastic Dual In-line Package) |
---
### 2. Internal Functional Blocks
The REF02AP consists of several critical electronic stages to ensure stability:
1. **Bandgap Reference:** The core circuit that generates a temperature-compensated voltage based on the physical properties of silicon transistors.
2. **Error Amplifier:** Compares the reference voltage to the output and adjusts the drive to maintain a constant 5V.
3. **Output Buffer:** A high-gain stage that allows the device to source current (typically up to 10mA) without dropping the output voltage.
4. **Trim Network:** Internal resistors that are laser-trimmed during manufacturing to calibrate the output to exactly 5.0V.
---
### 3. Pin Configuration
The REF02AP uses a standard 8-pin layout. Note that several pins are reserved for specific functions like temperature sensing and voltage trimming.
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 2 | $V_{IN}$ | Input Supply Voltage (8V to 40V) |
| 4 | GND | Ground |
| 5 | TRIM | Fine adjustment of output voltage (optional) |
| 6 | $V_{OUT}$ | +5.0V Precision Output |
| 3 | TEMP | Temperature output voltage (proportional to absolute temp) |
| 1, 7, 8 | NC | No Internal Connection |
---
### 4. Distinctive Features
* **Temperature Output:** Unlike many standard regulators, Pin 3 provides a voltage output that changes linearly with temperature (approx. 2.1 mV/K). This allows the chip to act as a temperature sensor.
* **Trim Capability:** By connecting a potentiometer to Pin 5, the output voltage can be adjusted by ±6% to calibrate out system-level errors.
* **Low Noise:** The architecture is designed to minimize electronic noise, which is critical for high-resolution measurement systems (12-bit to 16-bit accuracy).
---
### 5. Common Application Circuit
To use the REF02AP, a basic setup requires only two decoupling capacitors to ensure stability and noise rejection.
```c
// Basic Wiring Diagram Logic
[Input 15V] ----+----(Pin 2: Vin)
|
[0.1uF Cap]
|
(GND) ----+----(Pin 4: GND)
|
[0.1uF Cap]
|
[Output 5V] ----+----(Pin 6: Vout)
```
- ⤷
How do I use the TRIM pin to adjust the output voltage exactly?
- ⤷ Can the REF02AP be used as a temperature sensor using the TEMP pin?
- ⤷ What is the difference between REF02AP and REF02CP?