REF02CS
AI

The **REF02CS** is a precision voltage reference integrated circuit (IC) widely used in analog-to-digital conversion, medical instrumentation, and power supply design. It is manufactured by Analog Devices and belongs to the industry-standard REF02 family.
### 1. Key Technical Specifications
The REF02CS is known for its stability and low noise. Below are the primary technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | $+5.0\text{V}$ (Fixed) |
| **Input Voltage Range** | $7.0\text{V}$ to $40\text{V}$ |
| **Output Voltage Tolerance** | $\pm 0.3\%$ (Max) |
| **Temperature Coefficient** | $8.5 \text{ ppm}/^\circ\text{C}$ (Standard) |
| **Operating Temperature Range** | $-40^\circ\text{C}$ to $+85^\circ\text{C}$ |
| **Supply Current** | $1.4\text{mA}$ (Typical) |
| **Package Type** | 8-Lead SOIC (Small Outline IC) |
---
### 2. Functional Pins and Internal Layout
The REF02CS typically follows an 8-pin configuration. The most important pins include:
* **Pin 2 ($V_{IN}$):** Input voltage supply.
* **Pin 4 (GND):** Ground connection.
* **Pin 6 ($V_{OUT}$):** The regulated $+5.0\text{V}$ output.
* **Pin 5 (TRIM):** Allows for fine-tuning the output voltage if a specific accuracy is required (usually via a potentiometer).
* **Pin 3 (TEMP):** A unique feature that provides a voltage output proportional to the ambient temperature ($2.1\text{mV}/^\circ\text{C}$), allowing the IC to act as a basic temperature sensor.
---
### 3. Key Features
The REF02CS is distinguished by several operational characteristics:
* **Low Noise:** It provides a very clean DC output, which is critical for high-resolution ADC/DAC applications (up to 12 or 14 bits).
* **High Input Range:** Unlike many modern low-voltage references, it can accept input voltages up to $40\text{V}$, making it versatile for industrial power rails.
* **Short-Circuit Protection:** The output is protected against accidental shorts to ground or the supply rail.
* **Trim Capability:** The output voltage can be adjusted by approximately $\pm 3\%$ without affecting the temperature coefficient significantly.
---
### 4. Typical Application Circuit
When using the REF02CS, it is common practice to use decoupling capacitors to ensure stability.
```python
# Conceptual Wiring Diagram
# [V_IN] ----> (Pin 2) REF02CS (Pin 6) ----> [V_OUT 5V]
# | |
# [Cap] [Cap]
# | |
# (GND) (GND)
```
1. **Input Capacitor:** A $0.1\mu\text{F}$ ceramic capacitor is recommended at the input to filter high-frequency noise.
2. **Output Capacitor:** While stable without a load capacitor, a small capacitor can improve transient response.
---
### 5. Common Use Cases
* **Precision ADCs/DACs:** Acting as the "yardstick" for measuring analog signals.
* **Digital Voltmeters:** Providing a stable internal reference for measurement accuracy.
* **Industrial Controls:** Used in 4-20mA loop transmitters.
* **Temperature Monitoring:** Utilizing the TEMP pin for thermal management in compact circuits.
- ⤷
How do I use the TRIM pin to adjust the output voltage specifically?
- ⤷ What are the main differences between the REF02CS and the REF02AZ models?
- ⤷ Can the REF02CS be used in a negative voltage reference configuration?