REF1009331M016
AI

Based on the part number **REF1009331M016**, this component is a high-performance **Aluminum Electrolytic Capacitor**. Specifically, this coding format is commonly associated with manufacturers like **Lelon** or **KEMET (A750 series equivalents)**, typically representing a surface-mount (SMD) or radial leaded component designed for high reliability.
---
## 1. Part Number Breakdown
The alphanumeric string follows a standard industrial logic for passive components:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **REF** | Series Code | Often indicates a "High Reliability" or "Low ESR" series. |
| **100** | Capacitance Code | The first two digits are significant; the third is the multiplier. **100** = 10 x 10^0 = **10 µF**. |
| **933** | Internal/Batch | Factory specific manufacturing or tolerance code. |
| **1M** | Tolerance | M usually signifies **±20%** capacitance tolerance. |
| **016** | Voltage Rating | Indicates a maximum working voltage of **16V DC**. |
---
## 2. Technical Specifications
While exact specifications can vary slightly by manufacturer, a component with these parameters typically features:
* **Capacitance:** 10 µF
* **Voltage:** 16 Volts (Maximum Surge Voltage ~18.4V)
* **Tolerance:** ±20% (Standard for electrolytic caps)
* **Operating Temperature:** Usually rated for **-55°C to +105°C**.
* **Expected Life:** Often rated for 2,000 to 5,000 hours at maximum temperature.
---
## 3. Typical Applications
Capacitors with these specific values (10µF / 16V) are widely used in modern electronics for:
1. **Decoupling:** Placed near Integrated Circuits (ICs) to filter out local switching noise.
2. **Smoothing:** Reducing ripple voltage in DC-DC converters or power supply outputs.
3. **Signal Coupling:** Blocking DC bias while allowing AC signals to pass in audio or data circuits.
4. **Telecom & Industrial:** Due to the "REF" high-reliability prefix, these are common in networking hardware and industrial control boards.
---
## 4. Equivalent Substitution
If you are looking for a replacement, ensure the following parameters match or exceed the original:
```markdown
* Voltage: Must be 16V or higher (e.g., 25V is safe).
* Capacitance: Must be 10µF (Changing this affects circuit timing/filtering).
* Footprint: Check if it is SMD (V-Chip) or Through-hole (Radial).
* ESR: Ensure the replacement has an Equivalent Series Resistance equal to or lower than the original.
```
- ⤷
What is the physical package size (case code) for this part?
- ⤷ Can I replace a 16V capacitor with a 25V version in the same circuit?
- ⤷ How do I identify the polarity (positive/negative) on this specific component?