Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • REF1016331M050

  • AI
    The part number **REF1016331M050** refers to an Aluminum Electrolytic Capacitor, typically manufactured by companies such as **Lelon** or other major passive component suppliers. This component is designed for general-purpose electronic filtering and energy storage. --- ### 1. Part Number Breakdown Based on standard industry nomenclature for this specific part, here is the technical breakdown: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **REF** | Series Name | High-reliability, low impedance, or standard series (varies by brand). | | **1016** | Dimensions | Physical size: **10mm (Diameter) x 16mm (Height)**. | | **331** | Capacitance | **330µF** (33 followed by one zero). | | **M** | Tolerance | **±20%** (Standard industry code). | | **050** | Voltage Rating | **50V DC** (Maximum working voltage). | --- ### 2. Technical Specifications These components are typically radial-leaded (through-hole) capacitors. * **Capacitance:** 330 microfarads (µF). * **Voltage:** 50 Volts DC. * **Temperature Range:** Usually rated for -40°C to +105°C (Standard for the REF series). * **Mounting Type:** Through-hole (Radial leads). * **Polarity:** Polarized (Must be installed correctly to avoid failure/explosion). --- ### 3. Common Applications This specific combination of 330µF and 50V is common in power management circuits: 1. **Filtering:** Used in AC-DC power adapters to smooth out rectified voltage ripples. 2. **Decoupling:** Placed near high-power integrated circuits to provide a local energy reservoir. 3. **Audio Circuits:** Used in amplifier stages for DC blocking or power supply buffering. 4. **Industrial Controls:** Common in 24V industrial systems where a 50V rating provides a safe overhead margin. --- ### 4. Handling and Safety When working with this component, keep the following in mind: ```markdown - Polarity: The longer lead is the Positive (+) terminal; the side with the stripe is Negative (-). - Voltage: Do not exceed the 50V rating, as it can lead to leakage or rupture. - Soldering: Avoid excessive heat on the leads to prevent damage to the internal electrolyte seal. ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for this 330µF 50V capacitor?
    • ⤷ How do I calculate the ripple current rating for this REF series capacitor?
    • ⤷ What is the expected lifespan of this capacitor at its maximum temperature rating?