Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RF-RU2033TP-04E

  • AI
    The **RF-RU2033TP-04E** is a specific surface-mount (SMT) component, typically identified as a high-precision **Thin Film Chip Resistor** manufactured by Susumu. These components are designed for high-reliability applications where stability and low noise are critical. --- ### 1. Key Technical Specifications Based on the standard naming convention for the Susumu RR/RN series, here are the electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Case Size** | 0805 (Metric 2012) | | **Resistance Value** | Likely 20kΩ (Based on the "203" code) | | **Tolerance** | ±0.1% or ±0.5% (High Precision) | | **Power Rating** | 0.1W (1/10 Watt) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C or better | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Internal Construction The "Thin Film" technology used in this part differs significantly from standard thick film resistors: * **Resistive Layer:** A very thin layer of metal alloy (usually NiCr - Nickel Chromium) is vacuum-deposited onto a high-grade alumina ceramic substrate. * **Precision Trimming:** The resistance value is dialed in using ultra-precise laser trimming, allowing for extremely tight tolerances. * **Passivation:** A protective glass or epoxy coating is applied to ensure the resistive element is shielded from moisture and oxidation. --- ### 3. Application Use-Cases Because of its high stability and low electronic noise, the RF-RU2033TP-04E is commonly found in the following circuits: 1. **Measurement Equipment:** Multimeters, oscilloscopes, and sensor interfaces where accuracy is paramount. 2. **Audio Circuitry:** Used in high-end DACs and amplifiers to minimize "current noise" and thermal hiss. 3. **Medical Electronics:** Precision monitoring devices requiring long-term reliability. 4. **Industrial Controls:** Feedback loops for motor controllers and power supplies. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | Thin Film (RF-RU series) | Thick Film (Standard) | | :--- | :--- | :--- | | **Noise** | Extremely Low | Moderate to High | | **Precision** | Very High (up to 0.01%) | Lower (usually 1% - 5%) | | **Stability** | Excellent over time/temp | Moderate | | **Cost** | Higher | Very Low | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 0805 and a 0603 package size?
    • ⤷ How does the Temperature Coefficient (TCR) affect circuit performance?
    • ⤷ Can you explain the laser trimming process used in thin film resistors?