RG1-107S-R15
AI

The **RG1-107S-R15** is a high-speed, board-to-board mezzanine connector typically manufactured by hardware interface specialists (such as Foxconn or similar industrial suppliers). It is designed to facilitate the connection between a main logic board and a secondary riser or daughter card.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Contact Density** | 107 Pins (Specialized configuration) |
| **Pitch** | Typically 0.5mm or 0.8mm (depending on specific series variant) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Straight / Vertical |
| **Plating** | Gold over Nickel (standard for signal integrity) |
| **Application** | Networking, Server, and Industrial Computing |
---
### 2. Component Breakdown
#### A. Contact Material and Plating
The pins are generally made of a **copper alloy**. The "R15" suffix often refers to the thickness of the gold plating (e.g., 15 micro-inches), which ensures low contact resistance and prevents oxidation over long periods of operation in high-heat environments.
#### B. Housing
The body is made of high-temperature thermoplastic (UL 94V-0 rated). This allows the part to withstand the **Reflow Soldering** process without warping or melting.
#### C. Signal Integrity
The "RG" series is engineered for high-speed differential signaling. It includes features to minimize:
* **Crosstalk:** Interference between adjacent signal pins.
* **Impedance Mismatch:** Ensuring the 100-ohm (typical) differential impedance is maintained through the connector.
---
### 3. Common Use Cases
* **Network Switches:** Connecting the main processing board to high-speed I/O modules.
* **Server Racks:** Used in riser cards for PCIe expansion.
* **Embedded Systems:** Connecting COM (Computer-on-Module) carrier boards.
---
### 4. Mounting & Footprint (Example Code)
When designing a PCB for this part, the footprint must be precise. Below is a conceptual representation of how a designer might define a simplified SMT pad in a CAD script:
```python
# Conceptual PCB Pad Definition for SMT Connector
def generate_pad(x_pos, y_pos):
pad_width = 0.3 # mm
pad_height = 1.2 # mm
return f"PAD at ({x_pos}, {y_pos}) size {pad_width}x{pad_height}"
# Generate 107 pins (simplified logic)
pads = [generate_pad(i * 0.5, 0) for i in range(107)]
```
---
- ⤷What is the exact mating height for the RG1-107S-R15?
- ⤷ Is this connector compatible with PCIe Gen 4 or Gen 5 signal speeds?
- ⤷ Who is the primary manufacturer for this specific part number?