RG1-112S-R15
AI

The **RG1-112S-R15** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Goodsky** (a subsidiary of ECE). It is widely used in industrial control, home appliances, and HVAC systems due to its compact size and high switching capacity.
Below is a detailed breakdown of its electronic parts and technical specifications.
---
### 1. General Specifications
This relay is designed for PCB mounting and features a standard footprint.
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Electromechanical Relay |
| **Contact Form** | SPDT (1 Form C) - Single Pole Double Throw |
| **Coil Voltage** | 12V DC |
| **Switching Current** | 12A to 15A (Load dependent) |
| **Mounting Type** | Through-Hole (PCB) |
| **Construction** | Flux Tight (Standard) or Sealed |
---
### 2. Internal Electronic Components
The RG1-112S-R15 consists of four primary internal assemblies:
#### A. The Coil (Actuator)
* **Part:** Copper wire wound around a core.
* **Function:** When 12V DC is applied, it creates a magnetic field.
* **Characteristic:** The "112" in the part number signifies **12V DC**. The coil typically consumes about 400mW of power.
#### B. The Contacts (Switching Element)
* **Material:** Usually Silver Alloy (AgSnO2 or AgNi).
* **Function:** The physical points that open or close the circuit.
* **Rating:** Rated for high inrush currents, making it suitable for motor or capacitive loads.
#### C. The Armature & Spring
* **Part:** A moving metal piece held by a return spring.
* **Function:** The magnetic field pulls the armature to toggle the contacts; the spring pulls it back when power is removed.
#### D. The Housing (Casing)
* **Material:** High-temperature plastic (UL 94V-0 rated).
* **Function:** Provides electrical insulation and protection from the environment.
---
### 3. Decoding the Part Number
The alphanumeric code provides specific details about the component's build:
| Code Segment | Meaning |
| :--- | :--- |
| **RG1** | Series designation (Miniature Power Relay) |
| **1** | Number of Poles (1 Pole) |
| **12** | Coil Voltage (12 Volts DC) |
| **S** | Sealing Type (S: Sealed/Wash Tight) |
| **R15** | Contact Rating/Version (Refers to 15A switching capability) |
---
### 4. Technical Performance
* **Contact Resistance:** Max 100mΩ (initial).
* **Operate Time:** Max 15ms (The time it takes to close the circuit).
* **Release Time:** Max 5ms (The time it takes to open the circuit).
* **Dielectric Strength:** 5,000V AC between coil and contacts (provides excellent isolation).
---
- ⤷
What are the equivalent replacement parts for the RG1-112S-R15?
- ⤷ Can this relay be used with a 240V AC load?
- ⤷ What is the difference between the 'S' and 'F' suffix in this relay series?