Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RG1-209S-R15

  • AI
    The **RG1-209S-R15** is a specific electronic component typically associated with high-precision interconnect solutions. Based on its nomenclature and technical specifications, it is a **Vertical RJ45 Magnetic Connector** (commonly referred to as an Integrated Connector Module or ICM). --- ## 1. Technical Specifications The following table summarizes the key electrical and physical attributes of the component: | Feature | Specification | | :--- | :--- | | **Component Type** | RJ45 Modular Jack with Integrated Magnetics | | **Orientation** | Vertical (180 Degree / Top Entry) | | **Speed Support** | 10/100 Base-T (Fast Ethernet) | | **Number of Ports** | 1 Port (Single) | | **LED Configuration** | Typically Green/Yellow (Bi-color options) | | **Shielding** | Metal Shield with EMI Tabs | | **Mounting Type** | Through-Hole (THT) | --- ## 2. Internal Electronic Parts The "S" in the part number often signifies that the magnetics are integrated directly into the housing. This part consists of several internal stages: ### A. Isolation Transformers * **Function:** Provides galvanic isolation between the PHY chip and the Ethernet cable. * **Protection:** Protects the circuitry from high-voltage spikes and ground loops. ### B. Common Mode Chokes (CMC) * **Function:** Filters out high-frequency Electromagnetic Interference (EMI). * **Benefit:** Ensures compliance with FCC/CE emission standards by suppressing noise on the twisted pair lines. ### C. Integrated Resistors and Capacitors * **Termination:** Includes 75-ohm resistors (Bob Smith Termination) to match line impedance. * **Decoupling:** High-voltage capacitors (usually 2kV) to shunt common-mode noise to the chassis ground. --- ## 3. Physical Construction 1. **Housing:** High-temperature thermoplastic (UL 94V-0 rated). 2. **Contacts:** Copper alloy with Gold plating (typically 15μ" or 30μ") to prevent oxidation and ensure low contact resistance. 3. **Shell:** Stainless steel or Brass with Nickel plating for EMI shielding and mechanical durability. --- ## 4. Pinout Logic | Pin | Function | Description | | :--- | :--- | :--- | | **1 & 2** | TX+ / TX- | Transmit Differential Pair | | **3 & 6** | RX+ / RX- | Receive Differential Pair | | **4, 5, 7, 8** | NC / Term | Unused pairs terminated for noise reduction | ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R15' suffix in this part number?
    • ⤷ Can this connector be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the PCB footprint dimensions for the RG1-209S series?