RG1-302S-R15
AI

The **RG1-302S-R15** is a high-precision, thin-film chip resistor network manufactured by **Susumu**. It is part of the RG series, which is renowned in the electronics industry for its high reliability, low noise, and extreme stability under harsh environmental conditions.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 3k$\Omega$ (302 indicates $30 \times 10^2$) |
| **Tolerance** | $\pm$0.1% (Standard for "B" or "S" grade) |
| **Power Rating** | 0.1W (1/10W) |
| **Temperature Coefficient (TCR)** | $\pm$5 ppm/°C or $\pm$10 ppm/°C (Ultra-stable) |
| **Package Size** | 0603 (Metric 1608) |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Core Electronic Characteristics
#### A. Thin-Film Technology
Unlike standard thick-film resistors, the RG series uses a thin-metal film deposited onto an alumina substrate. This results in:
* **Lower Noise:** Ideal for audio and sensitive measurement circuits.
* **Higher Precision:** Tight tolerances that do not drift significantly over time.
#### B. Inorganic Passivation
The "RG" series features a unique glass-passivation layer. This provides superior protection against:
* **Sulfur:** Prevents corrosion in industrial environments.
* **Moisture:** Ensures the resistance value doesn't shift in high-humidity settings.
#### C. Stability (Long-term drift)
These parts are designed for "long-life" applications. While a standard resistor might drift 1-5% over its lifetime, the RG1 series typically maintains drift within **<0.1%** after thousands of hours of load life.
---
### 3. Part Number Breakdown
The nomenclature follows a specific logic:
* **RG:** Series Name (High reliability thin film).
* **1608 / 1:** Refers to the physical dimensions (0603 Inch / 1608 Metric).
* **302:** Resistance code. The first two digits (30) are significant figures; the last digit (2) is the multiplier ($10^2$). $30 \times 100 = 3,000\Omega$.
* **S / B:** Indicates the tolerance and TCR combinations.
* **R15:** Packaging suffix (usually referring to tape and reel specifications).
---
### 4. Common Applications
* **Automotive Electronics:** Engine control units and safety sensors.
* **Medical Equipment:** High-precision imaging and diagnostic tools.
* **Industrial Automation:** Precision bridges and scale instrumentation.
* **Test and Measurement:** Oscilloscopes and multi-meters.
---
- ⤷
What is the difference between thin-film and thick-film resistors in terms of performance?
- ⤷ How does the 'Sulfur Resistance' feature benefit industrial PCB designs?
- ⤷ Are there alternative footprint sizes available for the Susumu RG series?