AI

The **RG1-306S-R15** is a high-precision, thin-film chip resistor manufactured by **Susumu**. It belongs to the RG series, which is industry-renowned for its exceptional reliability, low noise, and stability under harsh environmental conditions.
### 1. Technical Specifications
The part number follows a specific coding structure that defines its electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RG | High-reliability metal film chip resistor |
| **Case Size** | 1608 (Metric) / 0603 (Inch) | Dimensions: 1.6mm x 0.8mm |
| **Resistance Value** | 30.6 $\Omega$ | "306" denotes significant digits; "S" is the multiplier |
| **Tolerance** | ±0.1% (B) | High precision for signal accuracy |
| **Power Rating** | 0.1W (1/10W) | Standard power dissipation for 0603 size |
| **Temp. Coefficient (TCR)** | ±25 ppm/°C | Minimal resistance drift during temperature changes |
---
### 2. Key Internal Features
The "RG" series is distinct from standard thick-film resistors due to its construction:
* **Thin-Film Technology:** Uses a metal film deposited on a ceramic substrate, allowing for much tighter tolerances and lower noise than thick-film (carbon-based) alternatives.
* **Inorganic Passivation:** The resistor element is protected by a glass-based inorganic layer, making it highly resistant to moisture, sulfur, and heat.
* **Anti-Sulfur Construction:** Designed to prevent "sulfuration" (where silver in the terminals reacts with sulfur in the air), which is a common cause of failure in industrial electronics.
---
### 3. Common Applications
Due to its high precision and stability, this component is typically found in:
1. **Medical Equipment:** Precise signal conditioning for sensors.
2. **Automotive Electronics:** Engine control units (ECU) and safety systems where reliability is critical.
3. **Industrial Automation:** High-accuracy measurement tools and PLC modules.
4. **Telecommunications:** Base stations and high-speed networking hardware where low noise is required.
---
### 4. Part Number Breakdown (Naming Convention)
`RG` `1608` `P` - `306` `S` - `B` - `T5` (Example Structure)
* **RG:** Series Name.
* **1608:** Physical size (1.6mm x 0.8mm).
* **306:** Resistance value (30.6).
* **S:** Multiplier/Decimal placement.
* **B/D:** Tolerance code.
* **R15:** Often refers to specific packaging (e.g., 15k piece reel) or a specialized TCR variant.
- ⤷
What is the difference between thin-film and thick-film resistors in terms of performance?
- ⤷ How does the TCR (Temperature Coefficient of Resistance) affect a circuit's stability?
- ⤷ Are there equivalent parts from other manufacturers like Vishay or Panasonic?