RG1-310S-R15
AI

## Analysis of the RG1-310S-R15 Electronic Component
The **RG1-310S-R15** is a high-precision, low-resistance metal shell resistor commonly used in industrial and automotive applications. It is designed to handle significant power while maintaining stability in current-sensing tasks.
---
### 1. General Specifications
Below are the primary technical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Metal Shell Power Resistor |
| **Resistance Value** | 0.15 $\Omega$ (indicated by "R15") |
| **Tolerance** | $\pm$ 1% (Standard) |
| **Power Rating** | 10 Watts (Nominal) |
| **Temperature Coefficient** | $\pm$ 50 ppm/°C to $\pm$ 100 ppm/°C |
| **Mounting Style** | Chassis Mount (Chassis Bolt-on) |
---
### 2. Physical Construction
The "RG" series typically features a specific physical build to manage heat dissipation:
1. **Aluminum Housing:** The outer shell is made of anodized aluminum. This allows the heat generated by the resistive element to be transferred efficiently to a heat sink or the device chassis.
2. **Encapsulation:** The internal resistive wire is wound around a ceramic core and molded into the shell with a high-temperature silicone or epoxy resin.
3. **Terminals:** Solder-lug or screw terminals (depending on the specific sub-variant) for secure electrical connection under high vibration.
---
### 3. Key Electronic Functions
The RG1-310S-R15 serves several critical roles in a circuit:
* **Current Sensing:** Because of its very low resistance (0.15 $\Omega$), it is used to measure current flow by measuring the small voltage drop across the resistor ($V = I \times R$).
* **Load Balancing:** Used in power supplies to balance the load between multiple parallel power stages.
* **Dynamic Braking:** Small motor control circuits use these to dissipate energy during braking.
* **Inrush Current Limiting:** Protecting sensitive components from the initial surge of power when a device is turned on.
---
### 4. Application Environments
Due to its rugged design, this part is found in:
* **EV/Automotive:** Battery management systems and motor controllers.
* **Industrial:** CNC machines and robotic arm power modules.
* **Power Supplies:** High-wattage DC-DC converters.
---
- ⤷
What are the heat sink requirements for maintaining the 10W power rating?
- ⤷ Is the RG1-310S-R15 AEC-Q200 qualified for automotive use?
- ⤷ What is the maximum operating temperature for this resistor series?