RG1-504S-R15
AI

The **RG1-504S-R15** is a high-precision, thin-film chip resistor manufactured by **Susumu**. It belongs to the **RG Series**, which is renowned in the electronics industry for its exceptional reliability and stability under harsh conditions.
### 1. Technical Specifications
The part number follows a specific coding structure that defines its electronic characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Resistor Type** | Thin Film (Metal Film) |
| **Resistance Value** | 500k $\Omega$ (504 code: 50 + 4 zeros) |
| **Tolerance** | $\pm$0.1% (S-code) |
| **Power Rating** | 0.063W (1/16W) |
| **Temperature Coefficient (TCR)** | $\pm$25 ppm/°C |
| **Case Size** | 0402 (Metric 1005) |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Electronic Features
* **Thin Film Construction:** Unlike thick film resistors, the thin film process allows for much tighter tolerances and lower noise, making it ideal for precision signal processing.
* **Low Noise:** It exhibits excellent current noise characteristics, which is critical for high-gain operational amplifier circuits.
* **Long-term Stability:** The inorganic passivated layer ensures that the resistance value remains stable over thousands of hours of operation (drift is typically less than 0.1%).
* **Sulfur Resistance:** The materials used are naturally resistant to sulfurization, a common failure mode in industrial environments.
---
### 3. Application Use Cases
Due to its high precision and small 0402 footprint, this component is typically found in:
1. **Medical Instrumentation:** Where precise voltage division is required for sensors.
2. **Automotive Electronics:** Used in Engine Control Units (ECUs) and ADAS systems where temperature stability is mandatory.
3. **Telecommunications:** Base station equipment requiring low-signal distortion.
4. **Test and Measurement:** Multimeters and oscilloscopes where accuracy is paramount.
---
### 4. Sample Landing Pattern (0402)
For PCB design, the standard 0402 footprint is used:
```markdown
Dimensions (mm):
L: 1.00 ± 0.05
W: 0.50 ± 0.05
T: 0.35 ± 0.05
```
- ⤷
What are the main differences between thin film and thick film resistors?
- ⤷ How does the TCR (Temperature Coefficient) affect circuit performance in precision applications?
- ⤷ Is there a higher power-rated version of this resistor available in the RG series?