RG1-602S-R15
AI

The **RG1-602S-R15** is a high-performance **PCI Express (PCIe) Card Edge Connector** typically used in computing, server, and networking hardware. It is manufactured by companies such as **Lotes** and is designed to provide a physical and electrical interface between a motherboard and an expansion card (like a GPU or NIC).
---
### Technical Specifications
The following table outlines the primary electronic and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | PCI Express (Card Edge) |
| **Number of Pins** | 164 Pins (standard for x16 slots) |
| **Pitch** | 1.00 mm |
| **Mounting Type** | Through-Hole (Vertical) |
| **Orientation** | Straight / Vertical |
| **Data Rate Compatibility** | PCIe 3.0 / 4.0 / 5.0 (depending on material) |
| **Contact Plating** | Gold over Nickel |
| **Housing Material** | High-Temperature Thermoplastic (LCP) |
---
### Key Electronic Components & Features
#### 1. Contact Material and Plating
The pins are usually made of a copper alloy. The "R15" in the part number often denotes the thickness of the **Gold Plating** (e.g., 15 micro-inches). Gold is critical because:
* It prevents oxidation.
* It ensures low contact resistance for high-speed signal integrity.
#### 2. Signal Integrity
The connector is designed to handle high-frequency differential pairs. The spacing and internal geometry are engineered to minimize:
* **Crosstalk:** Interference between adjacent signal lines.
* **Insertion Loss:** Loss of signal strength as it passes through the connector.
#### 3. Mechanical Stability
The "S" in the suffix often indicates a specific **Solder Tail** length or a "Straddle" mount variation, though in the RG1 series, it usually refers to a standard straight solder type. The plastic housing includes "Pegs" or "Bosses" to ensure the connector is aligned perfectly on the PCB before soldering.
---
### Typical Applications
* **Motherboards:** Primary slots for Graphics Processing Units (GPUs).
* **Server Backplanes:** For high-speed storage or networking riser cards.
* **Industrial PCs:** Modular expansion slots for I/O cards.
---
- ⤷
What is the difference between 15u and 30u gold plating in PCIe connectors?
- ⤷ How does the 'Through-Hole' mounting differ from 'SMT' for PCIe slots?
- ⤷ Can this connector support PCIe 5.0 bandwidth requirements?