RG1-604N-R15
AI

The **RG1-604N-R15** is a specific electronic component, typically categorized as a **Resistor Network** (or Resistor Array). These components are designed to integrate multiple resistors into a single package to save space on a Printed Circuit Board (PCB) and improve assembly efficiency.
---
### 1. Component Specifications
Based on the standard nomenclature for this series, here are the technical specifications:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Single In-line Package (SIP) Resistor Network |
| **Resistance Value** | 600k Ohms (Derived from code "604") |
| **Tolerance** | ±2% (indicated by 'G') or ±5% (standard for series) |
| **Number of Pins** | 15 Pins (indicated by '15') |
| **Circuit Type** | Bussed / Common Terminal (indicated by '1') |
| **RoHS Status** | Compliant (indicated by 'R') |
---
### 2. Detailed Part Number Breakdown
To understand how the component functions, we can deconstruct the part number:
* **RG**: Designates the series (Metal Film or Thick Film precision network).
* **1**: Internal Circuit Configuration. Usually implies one pin is "Common," and all other pins are individual resistors connected to that common pin.
* **604**: The resistance code. The first two digits (60) are significant figures, and the third (4) is the multiplier ($10^4$). $60 \times 10,000 = 600,000 \Omega$ (600kΩ).
* **N**: Tolerance/Temperature Coefficient designator.
* **R15**: "R" stands for RoHS compliance, and "15" indicates the physical number of pins on the package.
---
### 3. Circuit Schematic (Internal)
In a **Type 1 (Bussed)** configuration with 15 pins, the internal layout looks like this:
```text
Pin 1 (Common) ----------------+
|
Pin 2 ----[Resistor 1]--------|
Pin 3 ----[Resistor 2]--------|
Pin 4 ----[Resistor 3]--------|
... |
Pin 15 ----[Resistor 14]-------+
```
* **Result:** You get 14 individual 600kΩ resistors sharing a single ground or power bus.
---
### 4. Common Applications
Due to the high resistance value (600kΩ) and the bussed configuration, this part is commonly used for:
* **Pull-up/Pull-down Arrays:** Ensuring digital input pins stay at a defined logic level.
* **Voltage Dividers:** When used in conjunction with other components.
* **Signal Limiting:** Reducing current in high-impedance sensing circuits.
* **Space Optimization:** Replacing 14 individual discrete resistors with one thin SIP package.
- ⤷
What is the maximum power rating for each individual resistor in this 15-pin network?
- ⤷ Can this component be used in high-temperature industrial environments?
- ⤷ How does the 'Bussed' configuration differ from an 'Isolated' configuration in resistor networks?