RG1-605S-R15
AI

The **RG1-605S-R15** is a high-precision, thin-film chip resistor typically used in high-reliability industrial and automotive applications. It is manufactured by Susumu and belongs to the **RG series**.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 6.05 kΩ |
| **Tolerance** | ±0.05% (Ultra-precision) |
| **Power Rating** | 0.1W (1/10 W) |
| **TCR (Temp. Coefficient)** | ±5 ppm/°C |
| **Package Size** | 0603 (1608 Metric) |
| **Operating Temp Range** | -55°C to +155°C |
| **Maximum Voltage** | 75V |
---
## 2. Key Internal Technologies
The "RG" series is known for its **Metal Glaze Thin Film** construction, which offers several advantages over standard thick-film resistors:
### Thin Film Sputtering
Unlike thick film resistors that use a paste, these are created using a sputtering process. This results in a very uniform resistive layer, allowing for the extremely tight **±0.05% tolerance**.
### Inorganic Passivation
The resistor element is covered by an inorganic glass passivation layer. This provides:
* **Superior Reliability:** Resistance to moisture and harsh environments.
* **Low Noise:** Extremely low current noise compared to thick film.
* **Long-term Stability:** Minimal "drift" in resistance value over thousands of hours of operation.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **RG** | Series Name (High precision thin film) |
| **1608** (1) | Case size (1.6mm x 0.8mm / 0603) |
| **605** | Resistance value code (605 = 6.05k) |
| **S** | Resistance Tolerance (±0.05%) |
| **-R** | Packaging (Tape & Reel) |
| **15** | Temperature Coefficient (±5 ppm/°C) |
---
## 4. Typical Applications
Due to its high stability and low noise, this part is commonly found in:
1. **Automotive Electronics:** Control units and sensors where temperature fluctuations are common.
2. **Medical Equipment:** High-precision diagnostic tools.
3. **Measurement Instruments:** Multi-meters and signal converters requiring low drift.
4. **Industrial Automation:** High-end PLC analog input stages.
- ⤷
What is the difference between this thin-film resistor and a standard thick-film resistor?
- ⤷ Can this resistor be used in high-voltage power supplies?
- ⤷ How does the TCR of 5 ppm/°C impact the circuit's accuracy?