Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RG1-606S-R15

  • AI
    The **RG1-606S-R15** is a high-performance, shielded RJ45 connector commonly used in networking hardware. It falls under the category of **Integrated Connector Modules (ICMs)**, which combine a physical mechanical port with internal electromagnetic components. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the RG1-606S-R15: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Configuration** | 1x1 Single Port, Tab-Up | | **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Shielding** | Metal Shield with EMI Fingers | | **LEDs** | Integrated (Typically Green/Yellow) | | **Mounting Type** | Through-Hole (THT) | | **Internal Magnetics** | Included (Transformers and Chokes) | --- ### 2. Internal Electronic Components Unlike a standard plastic jack, the "R" series (like the R15) contains a small PCB inside the housing with several critical electronic parts: #### A. Isolation Transformers * **Purpose:** Provides 1500V AC isolation between the Ethernet cable and the PHY (Physical Layer) chip. * **Function:** Protects the sensitive circuitry on the motherboard from static electricity or voltage surges on the network line. #### B. Common Mode Chokes * **Purpose:** Noise suppression. * **Function:** Filters out electromagnetic interference (EMI) that could corrupt data packets or cause the device to fail FCC/CE emissions standards. #### C. Bob Smith Termination * **Purpose:** Impedance matching. * **Function:** A network of resistors and high-voltage capacitors (usually 75Ω resistors and a 1000pF/2kV capacitor) used to terminate the unused wire pairs to reduce "ghosting" or signal reflections. --- ### 3. Physical Layout & Pinout The RG1-606S-R15 utilizes a **Tab-Up** orientation, meaning the locking clip of the RJ45 cable faces the top of the connector. 1. **Mechanical Pins:** Secure the shield to the PCB ground plane. 2. **Signal Pins:** 8 pins used for data transmission (Differential pairs). 3. **LED Pins:** 4 additional pins (2 for each LED) to indicate "Link" and "Activity" status. --- ### 4. Common Applications * **Networking Gear:** Routers, switches, and hubs. * **Industrial PC:** Motherboards and embedded systems. * **IoT Gateways:** Devices requiring robust Gigabit connectivity in compact form factors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Tab-Up and Tab-Down connectors in PCB layout?
    • ⤷ How do I verify the LED polarity for the RG1-606S-R15?
    • ⤷ What is the standard operating temperature range for this specific RJ45 module?