AI

The **RG2-106N-R15** is a high-precision, thin-film chip resistor manufactured by **Susumu**. It belongs to the **RG series**, which is widely recognized in the electronics industry for its ultra-precision, reliability, and low noise characteristics.
---
### 1. Key Technical Specifications
The model number can be broken down into specific electrical parameters:
| Parameter | Value / Specification |
| :--- | :--- |
| **Series** | RG Series (Thin-film, high reliability) |
| **Size Code** | 2012 (Metric) / 0805 (Inch) |
| **Resistance Value** | 10MΩ (106 indicates $10 \times 10^6$ Ohms) |
| **Tolerance** | ±0.05% (represented by 'N' in this context) |
| **Temperature Coefficient (TCR)** | ±15 ppm/°C (represented by 'R15') |
| **Power Rating** | 0.125W (1/8W) |
| **Max Operating Voltage** | 150V |
---
### 2. Construction and Materials
The RG2-106N-R15 is built using **Thin Film technology**, which differs significantly from standard thick film resistors:
* **Resistive Element:** A thin layer of metal film (usually Inorganic) is deposited onto a ceramic substrate using a sputtering process.
* **Precision Trimming:** The resistance is achieved through precise laser trimming, allowing for the extremely tight 0.05% tolerance.
* **Protection:** It features a multi-layer epoxy coating that provides excellent moisture resistance and sulfur resistance (anti-sulfurated).
---
### 3. Core Features and Benefits
1. **High Stability:** It maintains its resistance value over long periods of time and through temperature fluctuations (Low TCR).
2. **Low Noise:** Thin film resistors have significantly lower current noise and non-linearity compared to thick film resistors, making them ideal for audio and signal processing.
3. **Sulfur Resistance:** Designed to operate in harsh industrial environments where sulfur contamination might cause standard resistors to fail.
4. **Reliability:** AEC-Q200 compliant, meaning it is tested to automotive-grade reliability standards.
---
### 4. Typical Applications
Because of its high precision and low noise, this part is typically found in:
* **Test and Measurement:** Oscilloscopes, multimeters, and data acquisition systems.
* **Medical Equipment:** Precision sensors and imaging systems.
* **Automotive Electronics:** Control units requiring long-term stability.
* **Industrial Automation:** High-accuracy motor controllers and power supplies.
---
- ⤷What are the main differences between the RG and RS series from Susumu?
- ⤷ How does a TCR of 15 ppm/°C compare to standard commercial resistors?
- ⤷ What are the soldering recommendations for 0805 thin-film resistors?