RG2-109N-R15
AI

The **RG2-109N-R15** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode** assembly, often utilized in specialized industrial power supplies, medical imaging equipment (like X-ray machines), or high-voltage laser systems.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. Technical Specifications
This component is designed to handle high voltage while maintaining a small physical footprint.
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | High Voltage Silicon Rectifier |
| **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 10kV - 15kV (Series Dependent) |
| **Average Forward Current ($I_{F}$)** | 100mA - 200mA |
| **Forward Voltage Drop ($V_F$)** | ~10V to 30V (at rated current) |
| **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (Typically < 100ns) |
| **Operating Temperature** | -40°C to +120°C |
---
### 2. Electronic Construction
The "RG" series usually employs a **multi-junction stack** architecture:
* **Silicon Pellets:** Internally, the device consists of multiple silicon diode chips stacked in series. This is necessary because a single silicon junction cannot typically withstand 10kV+.
* **Encapsulation:** The part is molded in a high-dielectric strength epoxy resin. This prevents "arcing" or "corona discharge" across the body of the component.
* **Passivation:** The junctions are glass-passivated to ensure high reliability and stability under high-temperature conditions.
---
### 3. Application Circuitry
In a standard power electronic setup, the RG2-109N-R15 is used in the following configurations:
#### Voltage Multipliers (Cockcroft-Walton)
Used to step up AC voltage to very high DC levels.
```mermaid
graph LR
A[AC Input] --> B[Capacitor]
B --> C{RG2-109N-R15}
C --> D[High Voltage DC Out]
```
#### Flyback Converters
Used in the secondary stage of high-frequency transformers to rectify the high-voltage pulses.
---
### 4. Handling Precautions
Due to the high-voltage nature of this part, specific PCB layout rules apply:
1. **Creepage and Clearance:** Ensure sufficient distance between the diode leads on the PCB to prevent surface tracking.
2. **Potting:** In many designs, the entire board containing this diode is submerged in dielectric oil or potted in silicone to prevent air breakdown.
3. **Polarity:** Like all diodes, orientation is critical. The "Cathode" is usually marked with a band or specified in the datasheet molding.
- ⤷What is the exact maximum peak reverse voltage for the R15 suffix?
- ⤷ How does the reverse recovery time impact its efficiency in high-frequency switching?
- ⤷ What are the recommended potting materials for circuits using this diode?