RG2-204N-R15
AI

The **RG2-204N-R15** is a high-precision, metal film chip resistor. These components are typically used in circuits where stability, low noise, and tight tolerances are critical.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (commonly **Susumu**).
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Metal Film Resistor | Provides better stability than carbon film. |
| **Resistance Value** | 0.15 $\Omega$ (R15) | Low resistance value, often used for current sensing. |
| **Tolerance** | $\pm 0.5\%$ (N) | High precision for accurate circuit performance. |
| **Package Size** | 0805 (Metric 2012) | Standard surface mount device (SMD) size. |
| **Series** | RG Series | Known for high reliability and ultra-low noise. |
---
### 2. Key Electronic Characteristics
#### A. Thin Film Technology
Unlike standard thick film resistors, the RG series uses thin-film technology. This results in:
* **Low Noise:** Excellent signal-to-noise ratio, making it ideal for audio and measurement equipment.
* **Long-term Stability:** Minimal resistance drift over thousands of hours of operation.
#### B. Temperature Coefficient of Resistance (TCR)
This part usually features a very low TCR (typically $\pm 25ppm/^\circ C$ or lower). This means the resistance value stays nearly constant even as the temperature of the circuit changes.
#### C. Power Rating
For a 0805 package in the RG series, the power rating is typically around **0.125W (1/8W)** to **0.25W**, depending on the specific sub-rating of the manufacturer.
---
### 3. Common Applications
Due to its low resistance (0.15 $\Omega$) and high precision, this part is frequently found in:
1. **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in power management circuits.
2. **Operational Amplifiers:** Used in feedback loops where precision is mandatory.
3. **Automotive Electronics:** Used in ECUs and sensors due to its reliability under harsh conditions.
4. **Medical Equipment:** High-precision measurement devices.
---
### 4. Technical Summary Table
| Parameter | Value |
| :--- | :--- |
| **Resistance** | 150 m$\Omega$ |
| **Tolerance Class** | ±0.5% |
| **Operating Temp Range** | -55°C to +155°C |
| **Construction** | Inorganic Passivation (Sulfur Resistant) |
- ⤷
What is the difference between thin film and thick film resistors in terms of performance?
- ⤷ How do I calculate the power dissipation for this 0.15 ohm resistor?
- ⤷ Are there equivalent parts from other manufacturers like Vishay or Yageo?