RG2-312S-R15
AI

The **RG2-312S-R15** is a high-precision, miniature planetary gear motor often utilized in robotics, medical devices, and precision instrumentation. It is characterized by its compact form factor and high torque-to-size ratio.
---
## Technical Specifications
The following table summarizes the key electronic and mechanical characteristics typically associated with this model:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | DC Coreless Motor |
| **Gear Ratio** | 1:312 |
| **Rated Voltage** | 12V DC (Typical) |
| **No-Load Current** | ~20 - 40 mA |
| **Rated Torque** | ~150 - 200 mN·m (varies by specific load) |
| **Output Speed** | ~20 - 30 RPM (at rated voltage) |
| **Direction** | Reversible (CW/CCW) |
---
## Electronic Components & Construction
### 1. Coreless DC Motor
Unlike traditional motors with an iron core, the RG2-312S-R15 uses a **coreless design**. This results in:
* **Low Inertia:** Extremely fast starting and stopping response.
* **No Cogging:** Smooth rotation even at very low speeds.
* **High Efficiency:** Less energy is wasted as heat compared to iron-core motors.
### 2. Planetary Gearbox
The "312" in the part number indicates a **1:312 gear reduction ratio**.
* **Stages:** Multiple stages of planetary gears are stacked to achieve this high ratio.
* **Mechanical Advantage:** It converts high-speed, low-torque rotation from the motor into low-speed, high-torque output.
### 3. Electrical Connections
The "R15" suffix often denotes specific lead wire configurations or shaft orientations.
* **Terminals:** Typically features two solder tabs or pre-attached wire leads.
* **Polarity:** Swapping the positive and negative leads will reverse the direction of rotation.
---
## Control Implementation
To drive this motor effectively, a **Pulse Width Modulation (PWM)** controller is recommended.
```python
# Example Pseudo-code for Speed Control using a Microcontroller
import machine
# Define Pins
motor_pwm = machine.PWM(machine.Pin(15))
motor_pwm.freq(1000) # 1kHz frequency
def set_speed(duty_cycle):
# duty_cycle ranges from 0 to 65535
motor_pwm.duty_u16(duty_cycle)
# Set motor to 50% speed
set_speed(32768)
```
---
## Common Applications
* **Medical Equipment:** Precision pumps or surgical tool adjustment.
* **Robotics:** Small-scale grippers or articulated joints requiring high torque in tight spaces.
* **Optics:** Zoom or focus mechanisms for high-end lens systems.
- ⤷
What is the maximum stall current for the RG2-312S-R15?
- ⤷ Which motor drivers are recommended for this coreless motor?
- ⤷ Does this model include an integrated rotary encoder for feedback?