RG2-504N-R15
AI

The **RG2-504N-R15** is a high-precision, thin-film chip resistor array (network) manufactured by **Susumu**. These components are designed for high-density circuits where stability, low noise, and precise resistance ratios are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 500k $\Omega$ (504) |
| **Tolerance** | ±0.1% (N) |
| **Temperature Coefficient (TCR)** | ±25 ppm/°C |
| **Power Rating** | 0.063W (1/16W) per element |
| **Package Style** | 0805 (2012 Metric) - 2 Elements |
| **Operating Temp Range** | -55°C to +125°C |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific characteristics of this electronic part:
* **RG**: Series code for Susumu’s High Precision Thin Film Chip Resistors.
* **2**: Number of resistive elements (2 resistors in one package).
* **504**: Resistance code ($50 \times 10^4 = 500,000 \Omega$ or 500k$\Omega$).
* **N**: Resistance tolerance code (±0.1%).
* **R15**: Packaging or specific internal design revision (often refers to tape and reel specifications).
---
### 3. Core Features and Construction
#### Thin Film Technology
Unlike standard thick-film resistors (which use a paste), thin-film resistors use a sputtered metal film on a ceramic substrate. This results in:
* **Lower Noise:** Reduced current noise for sensitive analog signals.
* **Tight Tolerance:** Extremely precise resistance values.
* **Stability:** Long-term resistance drift is minimal compared to standard components.
#### Network Configuration
As an **array**, this part contains two resistors in a single SMT (Surface Mount Technology) package. This is highly beneficial for:
* **Thermal Tracking:** Because both resistors are on the same substrate, they heat up and cool down at the same rate, maintaining a constant resistance ratio.
* **Space Saving:** Occupies less PCB real estate than two individual 0402 or 0603 resistors.
---
### 4. Common Applications
1. **Voltage Dividers:** Used where a precise ratio between two voltages is required.
2. **Operational Amplifiers:** Providing feedback loops or gain setting where precision is paramount.
3. **Instrumentation:** Medical or industrial measurement devices that require low thermal drift.
4. **Audio Equipment:** High-end audio signal paths to minimize distortion and noise.
---
- ⤷
What is the difference between thin-film and thick-film resistors in terms of performance?
- ⤷ Can you explain the significance of the TCR value for precision circuits?
- ⤷ What are the common footprints available for Susumu RG series resistor arrays?