Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RG2-506N-R15

  • AI
    ## Technical Overview: RG2-506N-R15 The **RG2-506N-R15** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are essential in power management circuits, specifically designed to store energy in a magnetic field and filter high-frequency noise. --- ### 1. Component Specifications Based on standard nomenclature for the RG2 series (often manufactured by companies like Susumu or similar power component specialists), here are the typical technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Thin Film / Wire-wound Power Inductor | | **Inductance** | 0.15 µH (denoted by "R15") | | **Tolerance** | ±20% or ±30% | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | High Saturation Current (Typically 5A - 15A range) | | **DCR (DC Resistance)** | Very Low (mΩ range) | --- ### 2. Electronic Characteristics The "R15" suffix specifically identifies the **Inductance Value**: * **R15 = 0.15 µH** * In SMD marking codes, the "R" acts as a decimal point. Therefore, R15 translates to 0.15 microhenries. **Key Features:** * **High Current Handling:** Designed to handle significant current without saturating the core. * **Low Profile:** The "RG" series is often characterized by a thin-film structure, making it ideal for compact mobile electronics. * **Efficiency:** Low DC resistance (DCR) minimizes power loss as heat, increasing the overall efficiency of the power supply. --- ### 3. Common Applications This component is primarily used in high-frequency DC-DC converters. Specific use cases include: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards to provide stable power to CPUs. 2. **Mobile Devices:** Used in smartphones and tablets for battery management systems. 3. **Point of Load (POL) Converters:** Providing localized voltage regulation in complex electronic systems. 4. **Noise Suppression:** Filtering electromagnetic interference (EMI) in high-speed data lines. --- ### 4. Circuit Symbol and Implementation In a schematic, the RG2-506N-R15 is represented by a standard inductor symbol. It is usually placed in series with the output of a switching regulator. ```text L1 (0.15uH) Input ----XXXX---- Output | [Cap] | GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the RG2 series inductors?
    • ⤷ How does the saturation current of this inductor affect circuit performance?
    • ⤷ Can you provide the physical footprint dimensions for the 506N package?