RG3-105S-R15
AI

The **RG3-105S-R15** is a high-precision, thin-film chip resistor manufactured by **Susumu**. It belongs to the **RG series**, which is widely recognized in the electronics industry for its exceptional reliability, low noise, and high stability under harsh conditions.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the RG3-105S-R15:
| Parameter | Value / Specification |
| :--- | :--- |
| **Resistance** | 1.05M $\Omega$ (Megaohms) |
| **Tolerance** | ±0.05% (Ultra-precision) |
| **Power Rating** | 0.25W (1/4 Watt) |
| **Temperature Coefficient (TCR)** | ±5 ppm/°C |
| **Case Size (Imperial)** | 1206 |
| **Max Operating Voltage** | 150V |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Core Electronic Features
#### A. Thin-Film Technology
Unlike standard thick-film resistors, the RG series uses a **metal film** deposited on a ceramic substrate. This results in:
* **Lower Noise:** Ideal for sensitive analog circuits.
* **Better Linearity:** Maintains resistance accuracy across different voltages.
#### B. Ultra-Low TCR (±5 ppm/°C)
The Temperature Coefficient of Resistance (TCR) is one of this part's most critical features. A rating of **5 ppm/°C** means the resistance value changes by only 5 parts per million for every degree Celsius change in temperature. This ensures the circuit remains stable even as the device heats up.
#### C. High Reliability & Anti-Sulfur
The "S" in the part number often denotes specialized inorganic passivation. This protects the resistive element from environmental hazards like sulfurization, which is a common cause of failure in standard resistors used in industrial or automotive environments.
---
### 3. Typical Applications
Due to its high precision and stability, the RG3-105S-R15 is commonly used in:
* **Medical Instrumentation:** Where precise signal measurement is life-critical.
* **Automotive Electronics:** Sensors and control units requiring long-term stability.
* **Test and Measurement:** Multimeters, oscilloscopes, and laboratory-grade power supplies.
* **Industrial Automation:** High-accuracy PLC analog input modules.
---
### 4. Part Number Breakdown
`RG 3216 N - 1054 - W - T5` (Standard Susumu Format Reference)
* **RG:** Series Name (Reliability Thin Film)
* **3216:** Metric size (Equivalent to 1206 Imperial)
* **105:** The base resistance value.
* **S/R15:** Specific tolerance and TCR coding (R15 typically refers to the high-precision TCR rating).
- ⤷
What is the difference between thin-film and thick-film resistors in precision circuits?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the alternative components if ±0.05% tolerance is not required?