AI

The **RG3-311N-R15** is a specific electronic component, typically categorized as a **high-precision, surface-mount (SMD) metal film resistor** (often part of a thin-film resistor series). These are designed for applications requiring high stability, low noise, and strict tolerance.
---
## 1. Technical Specifications
Below are the typical electrical characteristics for this part number:
| Characteristic | Specification |
| :--- | :--- |
| **Component Type** | Thin Film Chip Resistor |
| **Resistance Value** | Variable (Determined by the "311" code, often 310-311 Ohms or similar) |
| **Tolerance** | Usually $\pm 0.1\%$ or $\pm 0.5\%$ (High Precision) |
| **Power Rating** | Typically 1/16W or 1/10W (depending on case size) |
| **Temperature Coefficient** | $\pm 10$ to $\pm 25$ ppm/°C |
| **Package / Case** | 0603 or 0805 SMD (Standard) |
---
## 2. Key Electronic Features
### A. Thin Film Construction
Unlike standard thick film resistors, the RG series uses a thin metal film sputtered onto a ceramic substrate. This results in:
* **Low Noise:** Minimal current noise, making it ideal for audio and sensitive analog circuits.
* **High Linearity:** Excellent performance across different frequencies.
### B. Thermal Stability
The "R15" or similar suffixes often denote specific temperature coefficients. These parts maintain their resistance value even as the device heats up, which is critical for:
* Voltage dividers.
* Feedback loops in Operational Amplifiers (Op-Amps).
### C. Reliability
These resistors are often treated with a protective coating to prevent sulfurization and environmental degradation, ensuring a long operational lifespan in industrial environments.
---
## 3. Identification Example
If we break down the typical nomenclature for this series:
```text
RG [Series Name]
3 [Case Size, e.g., 1608/0603]
311 [Resistance Code: 31 x 10^1 = 310Ω]
N [Tolerance Code, e.g., ±0.05% or ±0.1%]
R15 [Packaging or TCR code]
```
---
## 4. Common Applications
1. **Precision Instrumentation:** Measurement tools that require exact resistance to calculate voltage/current.
2. **Medical Electronics:** Devices where accuracy is a matter of safety.
3. **Automotive ECU:** Sensors and control units that operate in varying temperatures.
4. **Telecommunications:** Signal processing equipment.
- ⤷
What is the exact resistance value of the 311 code in this series?
- ⤷ How does a thin film resistor differ from a thick film resistor in terms of performance?
- ⤷ Are there specific power rating limitations for the RG3 series?