Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RGSCA201-R-B-B-E

  • AI
    The **RGSCA201-R-B-B-E** is a specific part number for a rocker switch manufactured by **Carling Technologies**. It belongs to the **RG-Series** of double-pole rocker switches, known for their compact design and high electrical ratings. --- ### 1. Breakdown of Part Number (Specifications) Each letter and number in the part number defines a specific electronic or physical characteristic: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **RGSC** | **Series** | RG-Series Rocker Switch (Double Pole) | | **A20** | **Circuit** | Single Throw, Normally Open (On-Off) | | **1** | **Rating** | 15A 125VAC; 10A 250VAC; 3/4 HP 125-250VAC | | **R** | **Rocker Color** | Red | | **B** | **Visi-Rocker** | Black (The color visible when the switch is toggled) | | **B** | **Bezel Color** | Black (The housing/frame color) | | **E** | **Legend** | Specific marking/Iconography (usually "I/O" or similar) | --- ### 2. Electrical Characteristics This component is designed to handle significant AC loads, making it suitable for power supplies and industrial equipment. * **Current/Voltage Rating:** * 15 Amps at 125 Volts AC. * 10 Amps at 250 Volts AC. * **Horsepower Rating:** 3/4 HP (Horsepower) at 125-250VAC, indicating it can handle the "inrush" current of small motors. * **Dielectric Strength:** Usually rated at 1,000V RMS (minimum). * **Insulation Resistance:** 100 Megohms (minimum). --- ### 3. Physical & Mechanical Features * **Actuator Type:** Rocker (Curved design). * **Mounting Type:** Snap-in mounting for easy installation into a rectangular panel cutout. * **Termination:** Typically features `.250” Quick Connect` tabs (spade terminals) for easy wiring without soldering. * **Visi-Rocker Design:** This model features a "Visi-Rocker," which uses a molded-in color contrast to indicate the "ON" position without requiring an internal LED/lamp. --- ### 4. Common Applications Due to its high amperage rating and durable build, the RGSCA201 is commonly found in: 1. **Power Strips and Surge Protectors.** 2. **Kitchen Appliances** (Coffee makers, ovens). 3. **Industrial Control Panels.** 4. **Medical Equipment.** 5. **Vacuum Cleaners and Floor Care.**
    ✨ Follow-up Questions
    • ⤷ What are the panel cutout dimensions for the RGSCA201 series?
    • ⤷ Is there an illuminated version of this switch available?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this component?