RGSCA211-R-B-B-A
AI

The **RGSCA211-R-B-B-A** is a specific part number for a rocker switch manufactured by **Carling Technologies**. It belongs to the **RG-Series** of double-pole, high-current rocker switches.
---
## 1. Technical Specifications
The following table breaks down the core electrical and mechanical specifications of this component:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Current Rating** | 15A 125VAC / 10A 250VAC |
| **Contact Resistance** | 50 Milliohms (Max) |
| **Insulation Resistance** | 100 Megohms (Min) |
| **Dielectric Strength** | 1000V RMS (Min) |
| **Actuator Style** | Standard Rocker |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Termination** | .250" Quick Connect Tabs |
---
## 2. Part Number Breakdown
The alphanumeric code provides specific details regarding the build of the switch:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | `RGSC` | RG-Series Rocker Switch (Single Pole) |
| **Rating** | `A` | 15A 125VAC; 10A 250VAC; 3/4 HP 125-250VAC |
| **Termination** | `211` | .250 Tab (Quick Connect) terminals |
| **Actuator Color** | `R` | Red Actuator |
| **Bezel Color** | `B` | Black Bezel |
| **Legend Color** | `B` | Black Legend (Printing) |
| **Legend Text** | `A` | Standard "I/O" (On/Off) Symbols |
---
## 3. Key Features and Applications
### Features
* **High Inrush Capability:** Designed to handle significant current surges during startup.
* **Snap-in Mounting:** Allows for easy installation into a rectangular panel cutout without additional hardware.
* **Aesthetic Customization:** Available in various colors, though this specific model uses a red-on-black scheme for high visibility.
### Common Applications
1. **Power Supplies:** Main power toggle for desktop or industrial units.
2. **Appliances:** Vacuum cleaners, kitchen appliances, and power tools.
3. **HVAC Units:** Control switches for fans or heating elements.
4. **Medical Equipment:** High-reliability power control.
---
## 4. Wiring Diagram (Simple)
The SPST configuration means this switch simply opens or closes a single circuit.
```text
Source (L) ---- [ Terminal 1 ]
|
[Switch]
|
Load ---------- [ Terminal 2 ]
```
- ⤷
What are the dimensions for the panel cutout required for the RG-Series?
- ⤷ Is there an illuminated version of the RGSCA211 available?
- ⤷ What is the mechanical life expectancy of this switch in cycles?