AI

The **RGSCC211-R-B-B-0** is a specific part number for a high-quality rocker switch manufactured by **Carling Technologies**. It belongs to the *RG-Series* of double-pole, compact rocker switches.
---
### 1. Technical Specifications
The following table outlines the core electronic and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Circuitry** | DPST (Double Pole, Single Throw) |
| **Switch Function** | ON-OFF |
| **Current Rating** | 15A 125VAC / 10A 250VAC |
| **Horsepower Rating** | 3/4 HP 125-250VAC |
| **Termination** | .250" (6.3mm) Quick Connect Tabs |
| **Mounting Type** | Panel Mount (Snap-in) |
| **Actuator Style** | Rocker (Curved) |
| **Illumination** | Non-Illuminated |
---
### 2. Part Number Breakdown
To understand the specific build of this part, we can decode the suffix:
* **RGSC**: Series name (RG-Series, sleek design, sub-miniature footprint).
* **C211**: Refers to the internal circuitry (DPST) and terminal type (Quick Connect).
* **R**: Actuator Color (**Red**).
* **B**: Bezel Color (**Black**).
* **B**: Legend Color (**Black** or No Imprint, depending on standard catalog defaults).
* **0**: No special marking/Legend.
---
### 3. Key Electronic Features
* **High Inrush Capability:** These switches are designed to handle high inrush currents, making them suitable for power supplies and motor loads.
* **Double Pole Configuration:** Since it is a **DPST**, it can disconnect both the "Hot" and "Neutral" lines simultaneously, providing a higher level of safety for consumer electronics.
* **Snap-in Design:** The housing features flexible plastic wings that allow the switch to be pushed into a rectangular panel cutout without needing screws.
---
### 4. Typical Applications
This switch is commonly found in:
1. **Kitchen Appliances:** Coffee makers, blenders, and toasters.
2. **Power Strips:** Used as the main power toggle.
3. **Industrial Controls:** Small machinery and instrumentation panels.
4. **Audio/Visual Equipment:** Amplifiers and power distributors.
- ⤷What is the required panel cutout dimension for the RG-Series?
- ⤷ Can this switch be used for DC applications?
- ⤷ Is there an illuminated version of the RGSCC series?