AI

The **RGSCD911-R-B-B-0** is a specific part number for a high-quality rocker switch manufactured by **Carling Technologies** (under the RG-Series). These switches are widely used in appliances, industrial controls, and power supplies due to their robust design.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical properties:
| Feature | Specification |
| :--- | :--- |
| **Series** | RG-Series (Double Pole, Rocker Switch) |
| **Circuitry** | DPST (Double Pole, Single Throw) |
| **Switch Action** | ON-OFF |
| **Current Rating** | 20A 125VAC / 15A 250VAC |
| **Horsepower Rating** | 3/4 HP 125-250VAC |
| **Contact Resistance** | 50 Milliohms max. |
| **Dielectric Strength** | 1,000V RMS (Minimum) |
| **Mounting Type** | Snap-in Panel Mount |
---
### 2. Part Number Breakdown
The suffix **-R-B-B-0** provides details on the aesthetics and terminations:
* **RGSCD911**: The base series identifying it as a Double Pole switch with specific electrical ratings.
* **R**: Represents the **Actuator Color** (Red).
* **B**: Represents the **Bezel Color** (Black).
* **B**: Represents the **Legend/Marking Color** (Black or No Marking, depending on specific sub-catalog).
* **0**: Indicates the **Legend Text** (usually "None" or standard "I/O" symbols).
---
### 3. Key Electronic Components & Materials
* **Contacts**: Typically Silver alloy or Silver cadmium oxide to handle high inrush currents and prevent welding.
* **Terminals**: 0.250" (6.3mm) Quick-connect tabs. These are made of brass with tin plating for excellent conductivity and corrosion resistance.
* **Housing**: Nylon 66 (UL 94V-2 rated), which provides high thermal stability and electrical insulation.
* **Actuator**: Polycarbonate, chosen for its durability and impact resistance.
---
### 4. Applications
Because of its high amperage rating (20A), this part is commonly found in:
1. **Kitchen Appliances**: Coffee makers, food processors, and deep fryers.
2. **Power Strips**: Master power switches for surge protectors.
3. **Industrial Equipment**: Control panels for motors and HVAC systems.
4. **Medical Equipment**: Power isolation switches.
- ⤷
What are the physical panel cutout dimensions for the RGSCD911 series?
- ⤷ Is there an illuminated version of this specific rocker switch available?
- ⤷ What is the mechanical life expectancy (number of cycles) for this component?