Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RH1237SC

  • AI
    The **RH1237SC** is a high-precision, low-noise voltage reference integrated circuit, typically manufactured by **Linear Technology** (now part of **Analog Devices**). It is specifically designed for applications requiring extreme stability and minimal drift over temperature changes. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the RH1237SC: | Feature | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 1.235V or 2.5V (variant dependent) | | **Input Voltage Range** | Up to 36V | | **Temperature Drift** | < 20 ppm/°C | | **Operating Current** | ~50 µA to 100 µA | | **Package Type** | Surface Mount (SOIC-8 or similar) | | **Radiation Hardening** | Rad-Hard (RH series) | --- ### 2. Core Functional Components The RH1237SC is built using several internal sub-circuits to ensure its high performance: * **Bandgap Reference Core:** The "heart" of the chip, which uses the predictable energy gap of silicon to create a stable voltage that is largely independent of temperature. * **Curvature Correction:** This internal circuitry compensates for the non-linear relationship between temperature and voltage drift, resulting in a much flatter "ppm/°C" curve. * **Operational Amplifier (Buffer):** An internal high-gain amplifier ensures the output voltage remains stable even when the load current changes (load regulation). * **Radiation-Hardened Design:** The "RH" prefix indicates the silicon is processed to withstand ionizing radiation, preventing "Latch-up" or "Single Event Upsets" (SEU) in space or high-altitude environments. --- ### 3. Pin Configuration (Typical 8-Lead) While specific pinouts should be verified via the official datasheet, the general layout for this series is: 1. **NC:** No Connection. 2. **VIN:** Input Supply Voltage. 3. **NC:** No Connection. 4. **GND:** Ground Reference. 5. **TRIM:** Optional pin for fine-tuning the output voltage. 6. **VOUT:** Regulated Output Voltage. 7. **NC:** No Connection. 8. **NC:** No Connection. --- ### 4. Typical Applications Due to its high reliability and precision, the RH1237SC is commonly used in: * **Spacecraft and Satellites:** Powering instrumentation in high-radiation orbits. * **Precision Data Acquisition:** Providing a reference for 16-bit or 24-bit Analog-to-Digital Converters (ADCs). * **Medical Equipment:** High-stability diagnostic tools. * **Military Systems:** Avionics and guidance systems requiring long-term thermal stability.
    ✨ Follow-up Questions
    • ⤷ What is the maximum radiation dosage (Krad) the RH1237SC can withstand?
    • ⤷ How does the 'Trim' pin affect the output voltage accuracy?
    • ⤷ What are the recommended bypass capacitor values for the VIN and VOUT pins?