RHP-20D-R02FYR
AI

Based on the part number **RHP-20D-R02FYR**, this component belongs to the **RHP series** of industrial sensors, specifically a **Wall-Mount Humidity/Temperature Transmitter** manufactured by **Dwyer Instruments**.
---
## 1. Technical Specifications
This device is designed to monitor environmental conditions and convert them into electrical signals for Building Automation Systems (BAS) or HVAC controllers.
| Feature | Specification |
| :--- | :--- |
| **Relative Humidity Range** | 0 to 100% RH |
| **RH Accuracy** | ±2% (indicated by the '2' in the suffix) |
| **Temperature Sensor Type** | 10K @ 25°C Type III Thermistor |
| **Output Signal (RH)** | 4-20 mA (Loop Powered) |
| **Mounting Style** | Wall Mount (North American Style) |
| **Filter Type** | Sintered Filter (Standard) |
---
## 2. Key Electronic Components & Wiring
The "RHP" series utilizes high-performance integrated circuits to ensure long-term stability.
### Humidity Sensing Element
The device uses a **Capacitive Polymer Sensor**.
* **How it works:** The dielectric constant of the polymer layer changes as it absorbs water vapor.
* **Signal Conditioning:** An onboard ASIC (Application Specific Integrated Circuit) converts this capacitance change into a linear current output.
### Temperature Component
The **R02** designation indicates a specific passive thermistor:
* **Type:** 10K Ohm @ 25°C NTC (Negative Temperature Coefficient).
* **Curve:** Type III.
* **Output:** Resistance (Passive), meaning the controller measures the resistance directly rather than a voltage/current signal.
---
## 3. Terminal Connection Diagram
Below is a representation of how the electronic leads are typically configured:
| Terminal | Label | Function |
| :--- | :--- | :--- |
| 1 | + | Power Supply (10-35 VDC) |
| 2 | - | 4-20 mA Humidity Output |
| 3 | T1 | Temperature Sensor Lead 1 |
| 4 | T2 | Temperature Sensor Lead 2 |
---
## 4. Part Number Breakdown
The nomenclature **RHP-20D-R02FYR** is decoded as follows:
* **RHP:** Humidity/Temperature Transmitter Series.
* **2:** 2% Accuracy.
* **0:** Wall Mount.
* **D:** 4-20 mA RH Output.
* **R02:** 10K Ohm Type III Thermistor.
* **FYR:** Custom/Specific revision or packaging (often signifies the North American wall plate design).
---
- ⤷What is the required power supply voltage for this specific 4-20 mA loop?
- ⤷ Can the RH sensor be recalibrated in the field?
- ⤷ What are the compatibility requirements for the 10K Type III thermistor?