RL-3012-R56N
AI

The **RL-3012-R56N** is a specific surface-mount (SMD) power inductor. This component is designed for high-current applications and DC-DC converter circuits where compact sizing and low resistance are critical.
---
### 1. Component Specifications
The model number typically decodes into specific electrical and physical characteristics. Below are the technical specifications for this part:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (Microhenries) |
| **Tolerance** | ±30% (denoted by 'N') |
| **Package Size** | 3012 (Approx. 3.0mm x 3.0mm x 1.2mm) |
| **Current Rating (Isat)** | Typically 2.0A - 3.5A (varies by manufacturer) |
| **DCR (DC Resistance)** | Low (typically < 50 mΩ) |
| **Core Material** | Ferrite or Metal Alloy |
---
### 2. Physical Construction
The "3012" designation refers to the physical dimensions of the component, which are vital for PCB layout design:
* **Length:** 3.0 mm
* **Width:** 3.0 mm
* **Height:** 1.2 mm (Low profile)
The construction usually involves a wire-wound copper coil around a ferrite core, often shielded to reduce **Electromagnetic Interference (EMI)**.
---
### 3. Key Applications
Because of its low inductance (0.56µH) and high current capability, the RL-3012-R56N is commonly found in:
1. **Buck/Boost Converters:** Used in voltage regulation for smartphones and tablets.
2. **Laptops & Computing:** Providing power to low-voltage rails for CPUs or GPUs.
3. **LED Drivers:** Managing current flow in compact lighting solutions.
4. **Battery Powered Devices:** Where space is limited and efficiency (low DCR) is required.
---
### 4. Circuit Symbol and Footprint
In schematic design and PCB routing, the part is represented as follows:
```markdown
Symbol: - ( L1 ) - (Inductor Symbol)
Footprint: 2-Pin SMD Pad (3.0mm x 3.0mm)
```
---
- ⤷What is the difference between Isat (Saturation Current) and Irms (Temperature Rise Current) for this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the common manufacturers for the RL-3012 series?