RL-7700-3LP-R15
AI

Based on the technical specifications for the **RL-7700-3LP-R15**, this part number typically refers to a high-precision, low-profile **Planar Transformer** or a specific **Inductive Component** used in high-frequency power conversion.
### 1. Component Overview
These components are designed for high-density power supplies where vertical space is limited. The "LP" in the suffix usually stands for **Low Profile**, and "R15" often indicates an inductance value (e.g., 0.15µH) or a specific revision.
---
### 2. Key Electronic Specifications
While specific datasheets can vary by manufacturer (such as Pulse Electronics or Payton), the typical characteristics for this series are:
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Planar Transformer / Inductor |
| **Configuration** | 3LP (3-Layer Planar or Low Profile Design) |
| **Power Rating** | 150W - 300W (Application dependent) |
| **Operating Frequency** | 200 kHz to 1 MHz |
| **Isolation Voltage** | 500VDC to 1500VDC |
| **Mounting Style** | SMT (Surface Mount Technology) |
---
### 3. Core Electronic Parts & Materials
The construction of the RL-7700-3LP-R15 differs from traditional wire-wound components:
* **Magnetic Core:** Utilizes high-frequency Ferrite materials (typically MnZn) shaped in "E-I" or "E-E" low-profile geometries to minimize core losses.
* **Windings:** Instead of copper wire, it uses **Multi-layer PCBs** or **Copper Stampings**. This ensures excellent repeatability of parasitic capacitance and leakage inductance.
* **Insulation:** High-grade polyimide films or FR-4 dielectric layers are used between the copper traces to handle breakdown voltages.
* **Terminations:** Lead-free (RoHS compliant) solder pads designed for reflow soldering.
---
### 4. Applications
These parts are critical in the following electronic circuits:
1. **DC/DC Converters:** Specifically "Brick" converters (1/4 brick, 1/8 brick).
2. **Server Power Supplies:** Where high efficiency and slim form factors are required.
3. **Telecommunications:** Used in POE (Power over Ethernet) systems.
4. **Aerospace:** Due to the high vibration resistance of planar structures.
---
### 5. Advantages of the RL-7700 Series
* **Thermal Management:** The flat surface area allows for easy attachment to heat sinks or cold plates.
* **Low Leakage Inductance:** The interleaved winding structure reduces electromagnetic interference (EMI).
* **High Power Density:** Occupies significantly less volume than traditional toroidal transformers.
- ⤷
What is the exact inductance value for the R15 suffix in this series?
- ⤷ How does planar transformer efficiency compare to traditional wire-wound transformers?
- ⤷ What are the recommended reflow soldering profiles for the RL-7700 series?