RL0816-F-R010J
AI

The **RL0816-F-R010J** is a high-precision, low-resistance chip resistor primarily used for **current sensing** applications. It belongs to the RL series manufactured by **Susumu**.
---
### ## Technical Specifications
The following table breaks down the technical parameters based on the part number nomenclature:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RL0816 | Case Size (0603 Imperial / 1608 Metric) |
| **Resistance Value** | 0.010 $\Omega$ (10 m$\Omega$) | Very low resistance for sensing |
| **Tolerance** | $\pm1\%$ (F) | High precision accuracy |
| **Power Rating** | 0.125W (1/8W) | Maximum continuous power dissipation |
| **Temperature Coefficient** | 0 ~ +350 ppm/°C | Stability over temperature changes |
| **Construction** | Thin Film | High reliability and low noise |
---
### ## Key Features
1. **Low Resistance (Shunt):** At 10m$\Omega$, it is designed to be placed in series with a load to measure current by monitoring the small voltage drop across it ($V = I \times R$).
2. **Long-side Terminal Option:** Note that some RL series resistors use a "long-side terminal" structure to improve heat dissipation and reduce parasitic inductance, though the 0816 is a standard rectangular footprint.
3. **Excellent Heat Dissipation:** The materials used are optimized to handle the heat generated by constant current flow without drifting in resistance value.
---
### ## Typical Applications
* **Power Management:** Used in DC-DC converters to monitor output current.
* **Battery Management Systems (BMS):** Tracking charge/discharge cycles in smartphones or laptops.
* **Over-current Protection:** Acting as a trigger for safety circuits when current exceeds a specific threshold.
* **Motor Control:** Precision feedback loops for small electric motors.
---
### ## Footprint Information
The **0816** designation refers to the physical dimensions in millimeters:
* **Length:** 1.6 mm
* **Width:** 0.8 mm
* **Standard Package:** 0603 (Imperial)
- ⤷
How do I calculate the maximum current this resistor can handle?
- ⤷ What is the difference between thin film and thick film resistors for current sensing?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this resistor?