Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RL0816-R022G

  • AI
    The **RL0816-R022G** is a low-resistance chip resistor, commonly known as a **current sense resistor** or a **shunt**. It is manufactured by Susumu and belongs to the RL series. --- ## 1. Technical Specifications The part number can be decoded to understand its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Case Size** | 0805 (Metric 2012) | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **Resistance Value** | 22 mΩ (0.022 Ω) | Indicated by "R022" | | **Tolerance** | ±2% | Indicated by "G" | | **Power Rating** | 0.125W (1/8W) | Standard for the 0805 RL series | | **Temperature Coefficient** | 0 to +200 ppm/°C | Stability over temperature changes | | **Operating Temp** | -55°C to +125°C | Standard industrial range | --- ## 2. Key Features * **Thin Film Technology:** Unlike standard thick-film resistors, these use thin-film technology to ensure low noise and better stability. * **Low Resistance:** With a value of only 22 milliohms, it is designed to allow high current flow with minimal voltage drop. * **High Precision:** The RL series is designed for accuracy in sensing applications where standard resistors would fail due to inductance or heat. --- ## 3. Common Applications This component is primarily used for **current detection** in electronic circuits. Because it has a known, very low resistance, the voltage drop across it can be measured to calculate the current flowing through a circuit ($I = V/R$). ### Typical Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in smartphones or laptops. 2. **DC-DC Converters:** Providing feedback for power supply regulation. 3. **Motor Controllers:** Sensing current to prevent over-current conditions or to control torque. 4. **Mobile Devices:** Power management in small-scale consumer electronics. --- ## 4. Soldering & Layout Tips When using a resistor with such a low value (22mΩ), the **PCB trace resistance** can interfere with the reading. * **Kelvin Connection:** It is recommended to use a four-terminal (Kelvin) pad layout if high precision is required. * **Heat Dissipation:** Ensure adequate copper pour around the pads to help dissipate the heat generated during high-current operation.
    ✨ Follow-up Questions
    • ⤷How do I calculate the maximum current this resistor can handle?
    • ⤷ What is the difference between RL0816-R022G and RL0816-R022F?
    • ⤷ Why is thin-film technology preferred over thick-film for current sensing?