RL1005-2-R075J
AI

The **RL1005-2-R075J** is a surface-mount (SMD) low-resistance thick film chip resistor, specifically designed for current sensing applications.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the technical specifications:
| Component Segment | Description | Value/Meaning |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistor (current sense) |
| **1005** | Case Size (Metric) | 1.0mm x 0.5mm (0402 in Imperial units) |
| **2** | Power Rating | Code for 1/16 Watt (0.063W) |
| **R075** | Resistance Value | 0.075 Ohms (75 mΩ) |
| **J** | Tolerance | ±5% |
---
### 2. Technical Specifications
This component is typically used to monitor current flow by measuring the voltage drop across it.
* **Resistance:** 75 mΩ (Milliohms).
* **Power Rating:** 0.0625W (1/16W).
* **Tolerance:** ±5% (standard J-class tolerance).
* **Temperature Coefficient (TCR):** Usually ranges between ±200 to ±600 ppm/°C depending on the specific manufacturer (commonly Cyntec or Susumu).
* **Operating Temperature:** Typically -55°C to +125°C or +155°C.
---
### 3. Key Applications
Because of its very low resistance, this part is not used for standard signal limiting, but rather for:
1. **Current Sensing:** Placed in series with a load to convert current into a small measurable voltage for ICs.
2. **Battery Management:** Used in mobile devices (due to the small 0402 size) to monitor charge/discharge cycles.
3. **DC-DC Converters:** Providing feedback loops for power supply regulation.
4. **Overcurrent Protection:** Detecting spikes in current to trigger safety shutdowns.
---
### 4. Physical Dimensions (0402 / 1005)
| Dimension | Millimeters (mm) |
| :--- | :--- |
| Length (L) | 1.00 ± 0.05 |
| Width (W) | 0.50 ± 0.05 |
| Thickness (T) | 0.35 ± 0.05 |
- ⤷
What are the differences between thick film and metal foil for low-resistance resistors?
- ⤷ How do I calculate the maximum current this resistor can handle?
- ⤷ Are there 1% tolerance alternatives for this specific part?