RL1005-2-R100F
AI

The **RL1005-2-R100F** is a specialized electronic component, specifically a **Surface Mount (SMT) Low-Ohmic Current Sense Resistor**. It is commonly used in power management circuits to monitor current flow by measuring the voltage drop across it.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RL** | Series Type | Low Resistance (Current Sense) |
| **1005** | Case Size | Metric 1005 (Imperial 0402) |
| **2** | Power Rating | Code for specific wattage (typically 1/16W or 1/8W) |
| **R100** | Resistance Value | 0.100 $\Omega$ (100 m$\Omega$) |
| **F** | Tolerance | $\pm 1\%$ |
---
## 2. Technical Specifications
These are the typical parameters for this specific part number:
* **Resistance:** 0.1 $\Omega$ (100 m$\Omega$)
* **Tolerance:** $\pm 1\%$
* **Dimensions:** 1.0mm x 0.5mm (0402 Package)
* **Technology:** Thick Film or Metal Plate (depending on the specific manufacturer like Cyntec or Susumu)
* **Temperature Coefficient (TCR):** Usually ranges between $\pm 100$ to $\pm 600$ ppm/°C.
---
## 3. Key Functions and Applications
Because this is a "Low-Ohmic" resistor, it is not used for standard pull-up or current limiting tasks. Instead, it serves these specific roles:
### Functions
* **Current Sensing:** Placed in series with a load. The voltage measured across the resistor ($V = I \times R$) allows a microcontroller or power IC to calculate the exact current ($I$).
* **Overcurrent Protection:** Used to trigger a shutdown if the current exceeds a safe threshold.
### Common Applications
1. **Mobile Devices:** Battery management systems (BMS) in smartphones.
2. **DC-DC Converters:** Sensing output current for feedback loops.
3. **Laptop Power Rails:** Monitoring power consumption of CPUs or GPUs.
4. **LED Drivers:** Ensuring a constant current is supplied to high-brightness LEDs.
---
## 4. Design Considerations
When using the RL1005-2-R100F in a PCB layout, keep the following in mind:
```markdown
1. Kelvin Connection (4-Wire): For high accuracy, use separate traces for the
current path and the voltage sensing path to avoid measuring lead resistance.
2. Heat Dissipation: Ensure the surrounding copper planes are sufficient to
handle the heat generated by I²R losses.
3. Footprint Accuracy: The 0402 size (1.0x0.5mm) is very small; precise
solder paste application is required to prevent "tombstoning."
```
- ⤷What is the maximum current this resistor can handle based on its power rating?
- ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of current sensing?
- ⤷ Are there automotive-grade (AEC-Q200) versions of this resistor available?