Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RL1005-7-R100J

  • AI
    The **RL1005-7-R100J** is a high-precision, low-resistance surface mount (SMD) resistor, typically used for **current sensing** applications. It is part of a series designed to handle power effectively while maintaining a small footprint. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical specifications: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **RL** | Series | Current Sensing Resistor (Low Resistance) | | **1005** | Case Size | Imperial 0402 (Metric 1005): approx. 1.0mm x 0.5mm | | **7** | Power Rating | Often denotes 1/8W or 1/10W depending on manufacturer | | **R100** | Resistance | 0.100 Ohms ($100 \text{m}\Omega$) | | **J** | Tolerance | $\pm 5\%$ | --- ### 2. Technical Specifications The following table highlights the typical electronic characteristics of this component: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 0.1 $\Omega$ | | **Tolerance** | $\pm 5\%$ | | **Package / Case** | 0402 (1005 Metric) | | **Technology** | Thick Film or Metal Foil (Manufacturer dependent) | | **Operating Temperature** | -55°C to +155°C | | **Temperature Coefficient** | Typically $\pm 200$ to $\pm 600$ ppm/°C | --- ### 3. Key Electronic Functions Because this is a "Low-R" (Low Resistance) part, it is not used for standard pull-up or pull-down tasks. Instead, it serves these specific roles: * **Current Sensing:** Placed in series with a load to convert current into a small, measurable voltage drop ($V = I \times R$). * **Power Management:** Used in DC-DC converters and battery management systems (BMS) to monitor charging/discharging rates. * **Overcurrent Protection:** Acts as a feedback sensor for protection circuits to shut down a system if the current exceeds a safe threshold. --- ### 4. Component Comparison How this part differs from standard resistors: | Feature | Standard Resistor (e.g., 10k) | RL1005-7-R100J | | :--- | :--- | :--- | | **Resistance Range** | High ($1\Omega$ to $10\text{M}\Omega$) | Very Low ($< 1\Omega$) | | **Primary Goal** | Voltage division / Current limiting | Current measurement | | **Heat Dissipation** | Low concern at high Ohms | Critical due to high current flow | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its wattage?
    • ⤷ Can I use a 1% tolerance resistor instead of this 'J' (5%) rated part?
    • ⤷ How do I calculate the voltage drop across this resistor if 500mA is flowing through it?