Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RL1218-221-R

  • AI
    The **RL1218-221-R** is an electronic component known as a **Power Inductor**. Specifically, it belongs to the RL1218 series of unshielded, radial-leaded power inductors commonly used for filtering and energy storage applications. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Specification | | :--- | :--- | | **Inductance** | 220 µH (Microhenries) | | **Tolerance** | ±10% (typically denoted by 'K' in many series) | | **Core Material** | Ferrite | | **Mounting Type** | Through-Hole (Radial Leads) | | **Configuration** | Unshielded Drum Core | --- ### 2. Breakdown of the Part Number * **RL1218**: Indicates the series and physical size. "1218" usually refers to the diameter and height dimensions (approximately 12mm x 18mm). * **221**: The inductance code. * `22` = Significant digits. * `1` = Number of zeros (multiplier). * $22 \times 10^1 = 220$ µH. * **R**: Often indicates compliance with **RoHS** standards (lead-free). --- ### 3. Physical Characteristics These inductors are designed with a **"Drum Core"** or "Bobbin" shape. * **Construction:** Copper wire is wound around a ferrite core. * **Protection:** Usually covered with a UL-grade polyolefin shrink tube to protect the windings and provide insulation. * **Leads:** Two tinned copper wires extending from the bottom for PCB mounting. --- ### 4. Common Applications Due to their high saturation current and durability, these parts are found in: 1. **Switching Power Supplies:** Used as energy storage elements in DC-DC converters. 2. **EMI/RFI Filtering:** Used in power lines to block high-frequency noise. 3. **LED Drivers:** Stabilizing current for lighting circuits. 4. **Audio Equipment:** Filtering noise in power stages. --- ### 5. Advantages and Limitations | Pros | Cons | | :--- | :--- | | High current handling capability. | **Unshielded:** May cause Electromagnetic Interference (EMI) with nearby sensitive components. | | Low DC Resistance (DCR) for better efficiency. | Large physical footprint compared to SMD inductors. | | Cost-effective for high-power designs. | Susceptible to mechanical vibration if not mounted flush. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for the RL1218-221-R?
    • ⤷ How does an unshielded inductor differ from a shielded one in PCB layout?
    • ⤷ What are the recommended soldering temperatures for radial inductors?