RL1218-331-R
AI

The **RL1218-331-R** is a specific electronic component belonging to the family of **Radial Leaded Inductors** (often referred to as power inductors or choke coils). These components are designed to store energy in a magnetic field and are commonly used for filtering and noise suppression.
---
### 1. Part Number Breakdown
Based on standard industry naming conventions (typically associated with manufacturers like Bourns or similar generic series), the part number can be decoded as follows:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **RL1218** | **Series/Size** | Indicates the physical dimensions and body style (Radial Leaded). |
| **331** | **Inductance Value** | The numerical code for inductance (33 + one zero = 330 µH). |
| **-R** | **RoHS Compliant** | Indicates the part is lead-free and meets environmental standards. |
---
### 2. Technical Specifications
The typical characteristics of a 330 µH radial inductor in this series are outlined below:
| Property | Value (Typical) |
| :--- | :--- |
| **Inductance** | 330 µH (Microhenries) |
| **Tolerance** | Usually ±10% or ±20% |
| **Core Material** | Ferrite |
| **Mounting Type** | Through-Hole (Radial Leads) |
| **Shielding** | Usually Unshielded |
| **Operating Temp** | -40°C to +125°C |
---
### 3. Key Applications
Inductors like the RL1218-331-R are vital in power management and signal processing circuits:
* **DC/DC Converters:** Used as energy storage elements to smooth out voltage ripples.
* **Power Supplies:** Acts as a filter to remove high-frequency noise from the power line.
* **EMI/RFI Filtering:** Blocks electromagnetic interference in consumer electronics.
* **Audio Equipment:** Used in crossover networks or to filter power hum.
---
### 4. Physical Construction
The device generally consists of:
1. **Ferrite Core:** A bobbin-shaped core that concentrates the magnetic flux.
2. **Copper Winding:** Enameled wire wrapped around the core to create the inductance.
3. **Shrink Tubing:** Often covered in a polyolefin sleeve for insulation and physical protection.
4. **Leads:** Tin-plated copper leads for through-hole soldering on a PCB.
- ⤷
What is the maximum current rating (Irms) for the RL1218-331-R?
- ⤷ Can this inductor be used in high-frequency switching power supplies?
- ⤷ What are the physical dimensions (height and diameter) of the RL1218 series?